Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF80R650QZ Datasheet (PDF) - MagnaChip Semiconductor.

MMF80R650QZ Datasheet PDF - MagnaChip Semiconductor.
Part # MMF80R650QZ
Download  MMF80R650QZ Download
File Size   1273.54 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 800V 0.65Ω N-channel MOSFET

MMF80R650QZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MMF80R650QZ Datasheet PDF - MagnaChip Semiconductor.

Part # MMF80R650QZ
Download  MMF80R650QZ Click to download

File Size   1273.54 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 800V 0.65Ω N-channel MOSFET

MMF80R650QZ Datasheet (HTML) - MagnaChip Semiconductor.


MMF80R650QZ Product details

 Description
MMF80R650QZ is power MOSFET using Magnachip’s advanced super junction technology that
can realize very low on-resistance and gate charge. It will provide much high efficiency by using
optimized charge coupling technology. These user friendly devices give an advantage of Low EMI to
designers as well as low switching loss.

 Features
 Low Power Loss by High Speed Switching and Low On-Resistance
 Excellent ESD robustness
 100% Avalanche Tested
 Green Package – Pb Free Plating, Halogen Free

 Applications
 PFC Power Supply Stages
 Switching Applications
 Adapter




Similar Part No. - MMF80R650QZ

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65Ω N-channel MOSFET
Jul. 2021. Revision 1.2
MMF80R650PB MGCHIP-MMF80R650PB Datasheet
1Mb / 10P
800V 0.65ohm N-channel MOSFET
MMF80R650PBTH MGCHIP-MMF80R650PBTH Datasheet
1Mb / 10P
800V 0.65ohm N-channel MOSFET
MMF80R650PTH MGCHIP-MMF80R650PTH Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
More results


Similar Description - MMF80R650QZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com