Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP25R210RZ Datasheet (PDF) - MagnaChip Semiconductor.

MMP25R210RZ Datasheet PDF - MagnaChip Semiconductor.
Part # MMP25R210RZ
Download  MMP25R210RZ Download
File Size   731.81 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 250V 0.21Ω N-channel MOSFET

MMP25R210RZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MMP25R210RZ Datasheet PDF - MagnaChip Semiconductor.

Part # MMP25R210RZ
Download  MMP25R210RZ Click to download

File Size   731.81 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 250V 0.21Ω N-channel MOSFET

MMP25R210RZ Datasheet (HTML) - MagnaChip Semiconductor.


MMP25R210RZ Product details

 Description
MMP25R210RZ is power MOSFET using Magnachip’s advanced super junction technology that can
realize very low on-resistance and gate charge. It will provide much high efficiency by using optimized
charge coupling technology. These user friendly devices give an advantage of Low EMI and low
switching loss as well as excellent ESD capability to designers.

 Features
 Low power loss by high speed switching and low on-resistance
 100% avalanche tested
 Green package – Pb free plating, halogen free
 Zener - integrated

 Applications
 Switching applications
 DC-DC converters
 Motor control




Similar Part No. - MMP25R210RZ

ManufacturerPart #DatasheetDescription
logo
Dubilier
MMP25470NJ DUBILIER-MMP25470NJ Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
MMP25470NJTA DUBILIER-MMP25470NJTA Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
MMP25470NJTR DUBILIER-MMP25470NJTR Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
MMP25470NK DUBILIER-MMP25470NK Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
MMP25470NKTA DUBILIER-MMP25470NKTA Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
More results


Similar Description - MMP25R210RZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
250V N-Channel MOSFET
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
250V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com