Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL300N4LF8 Datasheet (PDF) - STMicroelectronics

STL300N4LF8 Datasheet PDF - STMicroelectronics
Part # STL300N4LF8
Download  STL300N4LF8 Download
File Size   606.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel logic level 40 V, 1.0max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package

STL300N4LF8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL300N4LF8 Datasheet PDF - STMicroelectronics

Part # STL300N4LF8
Download  STL300N4LF8 Click to download

File Size   606.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel logic level 40 V, 1.0max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package

STL300N4LF8 Datasheet (HTML) - STMicroelectronics


STL300N4LF8 Product details

Features
• MSL1 grade
• 175 °C maximum operating junction temperature
• 100% avalanche tested
• Low gate charge Qg

Applications
• Industrial tools, motor drives and equipment
• Industrial motor control
• Power supplies and converters

Description
The STL300N4LF8 is a 40 V N-channel enhancement mode Power MOSFET
designed in STripFET F8 technology featuring an enhanced trench gate structure.
It ensures a state-of-the-art of figure of merit for very low on-state resistance while
reducing internal capacitances and gate charge for faster and more efficient
switching.




Similar Part No. - STL300N4LF8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL305N4LF8AG STMICROELECTRONICS-STL305N4LF8AG Datasheet
949Kb / 15P
Automotive N‑channel logic level 40 V, 1.0 mΩ max., 304 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
26-Apr-2024
STL30N10F7 STMICROELECTRONICS-STL30N10F7 Datasheet
1Mb / 15P
Ultra low on-resistance
22-Oct-2013
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
More results


Similar Description - STL300N4LF8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL325N4LF8AG STMICROELECTRONICS-STL325N4LF8AG Datasheet
644Kb / 15P
Automotive N‑channel enhancement mode logic level 40 V, 0.75 mΩ max., 373 A STripFET F8 Power MOSFET in a PowerFLAT 5x6
27-Apr-2022
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL120N10F8 STMICROELECTRONICS-STL120N10F8 Datasheet
633Kb / 15P
N‑channel enhancement mode standard level 100 V, 4.6 mΩ max., 125 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jan-2023
STL320N4LF8 STMICROELECTRONICS-STL320N4LF8 Datasheet
617Kb / 16P
N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jun-2022
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com