Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1410N Datasheet (PDF) - Microchip Technology

TC1410N Datasheet PDF - Microchip Technology
Part # TC1410N
Download  TC1410N Download
File Size   311.14 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.5A High-Speed MOSFET Drivers

TC1410N Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1410N Datasheet PDF - Microchip Technology

Part # TC1410N
Download  TC1410N Click to download

File Size   311.14 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.5A High-Speed MOSFET Drivers

TC1410N Datasheet (HTML) - Microchip Technology


TC1410N Product details

GENERAL DESCRIPTION
The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. They can accept, without damage or logic upset, up to 500mA of current of either polarity being forced back into their output. All terminals are fully protected against up to 4 kV of electrostatic discharge.
As MOSFET drivers, the TC1410/1410N can easily switch 500pF gate capacitance in 25nsec with matched rise and fall times, and provide low enough impedance in both the ON and the OFF states to ensure the MOSFET’s intended state will not be affected, even by large transients. The rise and fall time edges are matched to allow driving short-duration inputs with greater accuracy.

FEATURES
■ Latch-Up Protected: Will Withstand 500mA Reverse Current
■ Input Will Withstand Negative Inputs Up to 5V
■ ESD Protected .....................................................4kV
■ High Peak Output Current ............................... 0.5A
■ Wide Operating Range .......................... 4.5V to 16V
■ High Capacitive Load
   Drive Capability ............................ 500pF in 25nsec
■ Short Delay Time .................................. 35nsec Typ
■ Consistent Delay Times With Changes in Supply Voltage
■ Matched Delay Times
■ Low Supply Current
   — With Logic “1” Input ................................. 500µA
   — With Logic “0” Input ................................. 150µA
■ Low Output Impedance ..................................... 16Ω
■ Pinout Same as TC1411/12/13




Similar Part No. - TC1410N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1410N TELCOM-TC1410N Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410N MICROCHIP-TC1410N Datasheet
734Kb / 26P
0.5A High-Speed MOSFET Drivers
11/29/12
TC1410N MICROCHIP-TC1410N Datasheet
266Kb / 18P
0.5A High-Speed MOSFET Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC1410NCOA TELCOM-TC1410NCOA Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410NCPA TELCOM-TC1410NCPA Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
More results


Similar Description - TC1410N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
0.5A High-Speed MOSFET Drivers
11/29/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
0.5A High-Speed MOSFET Drivers
11/27/12
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com