Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3100 Datasheet (PDF) - Maxim Integrated Products

MAXQ3100 Datasheet PDF - Maxim Integrated Products
Part # MAXQ3100
Download  MAXQ3100 Download
File Size   328.5 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC

MAXQ3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ3100 Datasheet PDF - Maxim Integrated Products

Part # MAXQ3100
Download  MAXQ3100 Click to download

File Size   328.5 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC

MAXQ3100 Datasheet (HTML) - Maxim Integrated Products


MAXQ3100 Product details

General Description
The MAXQ3100 microcontroller is a low-power, 16-bit RISC device that incorporates an integrated liquid-crystal display (LCD) interface that can drive up to 160 segments, two analog comparators with precision internal 1.25V reference voltage, and a real-time clock (RTC) module with a dedicated battery-backup supply.

Features
♦ High-Performance, Low-Power, 16-Bit RISC Core
    4.194MHz Operation, Approaching 1MIPS per MHz
    3.3V Core and I/O
    33 Instructions, Most Single-Cycle
    Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement
    16-Level Hardware Stack
    16-Bit Instruction Word, 16-Bit Data Bus
    16 x 16-Bit, General-Purpose Working Registers
    Optimized for C-Compiler (High-Speed/Density Code)
♦ Program and Data Memory
    8kWords EEPROM
    200,000 EEPROM Write/Erase Cycles
    512 Words of Internal Data RAM
    JTAG-Compatible Debug Port Bootloader for Programming
♦ Peripheral Features
    Up to 27 General-Purpose I/O Pins, Most 5V Tolerant
    160-Segment LCD Driver
        Up to 4 COM and 40 Segments
        Static, 1/2, and 1/3 LCD Bias Supported
        No External Resistors Required
    Two Analog Comparators with Internal +1.25V Precision Reference
    Two Serial USARTs, One with Infrared PWM Support
    Digital Temperature Sensor
    Three 16-Bit Programmable Timers/Counters
    8-Bit, Subsecond, System Timer/Alarm
    Battery-Backed, 32-Bit RTC with Time-of-Day Alarm and Digital Trim
    Programmable Watchdog Timer
♦ Flexible Programming Interface
    Bootloader Simplifies Programming
    In-System Programming Through Debug Port
    Supports In-Application Programming of EEPROM
♦ Power Consumption
    1.9mA at 4.194MHz, 3.6V Operation
    1.9µA Standby Current in Sleep Mode
    Low-Power Divide-by-256 Mode

Applications
    Utility Meters
    Battery-Powered and Portable Devices
    Electrochemical and Optical Sensors
    Industrial Control
    Data-Acquisition
    Systems and Data Loggers
    Home Appliances
    Consumer Electronics
    Thermostats/Humidity Sensors
    Security Sensors
    Gas and Chemical Sensors
    HVAC
    Smart Transmitters




Similar Part No. - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN+ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
More results


Similar Description - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com