Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM240WU5 Datasheet (PDF) - LG Semicon Co.,Ltd.

LM240WU5 Datasheet PDF - LG Semicon Co.,Ltd.
Part # LM240WU5
Download  LM240WU5 Download
File Size   1373.37 Kbytes
Page   31 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description 24.0” WUXGA TFT LCD

LM240WU5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM240WU5 Datasheet PDF - LG Semicon Co.,Ltd.

Part # LM240WU5
Download  LM240WU5 Click to download

File Size   1373.37 Kbytes
Page   31 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description 24.0” WUXGA TFT LCD

LM240WU5 Datasheet (HTML) - LG Semicon Co.,Ltd.


LM240WU5 Product details

General Description
General Features
Active Screen Size 24.0 inches(60.96cm) diagonal
Outline Dimension 546.4(H) x 352.0(V) x 48.4(D) mm(Typ.)
Pixel Pitch 0.270 mm x 0.270 mm
Pixel Format 1920 horiz. By 1200 vert. Pixels RGB stripes arrangement
Color Depth 10-bit, 1,073,741,824 colors
Luminance, White 250 cd/m2 (Typ.)
Viewing Angle(CR>10) View Angle Free (R/L 178(Typ.), U/D 178(Typ.))
Power Consumption Total 56.96Watt (Typ.) (6.96Watt @VLCD, 50 Watt @250cd)
Weight 3,300g (typ.)
Display Operating Mode Transmissive mode, normally black
Surface Treatment Hard coating(3H), anti-glare treatment of the front polarizer
LM240WU5 is a Color Active Matrix Liquid Crystal Display with Light Emitting Diode(LED) backlight system.
T h e m a t r i x e m p l o y s a - S i T h i n F i l m T r a n s i s t o r a s t h e a c t i v e e l e m e n t .
It is a transmissive type display operating in the normally black mode. It has a 24inch diagonally measured
active display area with WUXGA resolution (1200 vertical by 1920 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 10-bit gray scale signal for each dot,
thus, presenting a palette of more than 1.073G(True) colors.
It has been designed to apply the 10Bit 2 port LVDS interface.
It is intended to support displays where high brightness, super wide viewing angle,
high color saturation, and high color are important




Similar Part No. - LM240WU5

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
24.0??WUXGA TFT LCD
LM240WU8-SLA2 LG-LM240WU8-SLA2 Datasheet
1Mb / 32P
24.0??WUXGA TFT LCD
More results


Similar Description - LM240WU5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
TFT LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
TFT LCD
logo
LG Semicon Co.,Ltd.
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
TFT-LCD
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
47.0 WUXGA TFT LCD
LP171WU1 LG-LP171WU1 Datasheet
910Kb / 27P
17.1 WUXGA TFT LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
TFT LCD
logo
Samsung semiconductor
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
TFT-LCD
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
TFT-LCD
logo
LG Semicon Co.,Ltd.
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
24.0??WUXGA TFT LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com