Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTBLS0D8N08X Datasheet (PDF) - ON Semiconductor

NTBLS0D8N08X Datasheet PDF - ON Semiconductor
Part # NTBLS0D8N08X
Download  NTBLS0D8N08X Download
File Size   277.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A

NTBLS0D8N08X Datasheet (PDF)

Go To PDF Page Download Datasheet
NTBLS0D8N08X Datasheet PDF - ON Semiconductor

Part # NTBLS0D8N08X
Download  NTBLS0D8N08X Click to download

File Size   277.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A

NTBLS0D8N08X Datasheet (HTML) - ON Semiconductor


NTBLS0D8N08X Product details

Features
• Low QRR, Soft Recovery Body Diode
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
• Synchronous Rectification (SR) in DC−DC and AC−DC
• Primary Switch in Isolated DC−DC Converter
• Motor Drives




Similar Part No. - NTBLS0D8N08X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBLS0D7N06C ONSEMI-NTBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021 ??Rev. 3
More results


Similar Description - NTBLS0D8N08X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDBL9403-F085T6 ONSEMI-FDBL9403-F085T6 Datasheet
217Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.95 m, 300 A
June, 2020 ??Rev. 0
NTBLS002N08MC ONSEMI-NTBLS002N08MC Datasheet
395Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 2 m, 238 A
August, 2019 ??Rev. 0
NTBLS0D7N06C ONSEMI-NTBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021 ??Rev. 3
NTBLS1D1N08H ONSEMI-NTBLS1D1N08H Datasheet
423Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
January, 2021 ??Rev. 1
NTBLS1D5N08MC ONSEMI-NTBLS1D5N08MC Datasheet
461Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.53 m, 298 A
September, 2019 ??Rev. 0
NTBLS1D7N08H ONSEMI-NTBLS1D7N08H Datasheet
364Kb / 8P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2
NVBLS1D1N08H ONSEMI-NVBLS1D1N08H Datasheet
424Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
March, 2020-Rev. 2
NVBLS1D7N08H ONSEMI-NVBLS1D7N08H Datasheet
359Kb / 8P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 241.3 A
January, 2021-Rev. 1
NTBL080N60S5H ONSEMI-NTBL080N60S5H Datasheet
251Kb / 7P
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 80 m, 32 A
October, 2022 - Rev. 1
NVBLS0D8N08X ONSEMI-NVBLS0D8N08X Datasheet
290Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A
May, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com