Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet (PDF) - Freescale Semiconductor, Inc

MSC7119 Datasheet PDF - Freescale Semiconductor, Inc
Part # MSC7119
Download  MSC7119 Download
File Size   1105.46 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC

MSC7119 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7119 Datasheet PDF - Freescale Semiconductor, Inc

Part # MSC7119
Download  MSC7119 Click to download

File Size   1105.46 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC

MSC7119 Datasheet (HTML) - Freescale Semiconductor, Inc


MSC7119 Product details

Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC

• StarCore® SC1400 DSP extended core with one SC1400 DSP
   core, 256 Kbyte of internal SRAM M1 memory, 16 way 16 Kbyte
   instruction cache (ICache), four-entry write buffer, programmable
   interrupt controller (PIC), and low-power Wait and Stop
   processing modes.
• 192 Kbyte M2 memory for critical data and temporary data
   buffering.
• 8 Kbyte boot ROM.
• AHB-Lite crossbar switch that allows parallel data transfers
   between four master ports and six slave ports, where each port
   connects to an AHB-Lite bus; fixed or round robin priority
   programmable at each slave port; programmable bus parking at
   each slave port; low power mode.
• Internal PLL generates up to 300 MHz clock for the SC1400 core
   and up to 150 MHz for the crossbar switch, DMA channels, M2
   memory, and other peripherals.
• Clock synthesis module provides predivision of PLL input clock;
   independent clocking of the internal timers and DDR module;
   programmable operation in the SC1400 low power Stop mode;
   independent shutdown of different regions of the device.
• Enhanced 16-bit wide host interface (HDI16) provides a glueless
   connection to industry-standard microcomputers,
   microprocessors, and DSPs and can also operate with an 8-bit host
   data bus, making if fully compatible with the DSP56300 HI08
   from the external host side.
• DDR memory controller that supports byte enables for up to a
   32-bit data bus; glueless interface to 150 MHz 14-bit page mode
   DDR-RAM; 14-bit external address bus supporting up to 1 Gbyte;
   and 16-bit or 32-bit external data bus.
• Programmable memory interface with independent read buffers,
   programmable predictive read feature for each buffer, and a write
   buffer. (Continue ...)




Similar Part No. - MSC7119

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC7119 FREESCALE-MSC7119 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7119VF1200 FREESCALE-MSC7119VF1200 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7119VM1200 FREESCALE-MSC7119VM1200 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7119 FREESCALE-MSC7119_08 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
More results


Similar Description - MSC7119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
MSC7116 FREESCALE-MSC7116 Datasheet
1Mb / 56P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116 FREESCALE-MSC7116_08 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7118 FREESCALE-MSC7118 Datasheet
776Kb / 60P
Low-Cost 16-bit DSP with DDR Controller
MSC7119 FREESCALE-MSC7119_08 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com