Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8800 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
DM8800 Datasheet PDF - National Semiconductor (TI)
Part # DM8800
Download  DM8800 Download
File Size   186.15 Kbytes
Page   3 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description DM7800/DM8800 dual voltage translator

DM8800 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM8800 Datasheet PDF - National Semiconductor (TI)

Part # DM8800
Download  DM8800 Click to download

File Size   186.15 Kbytes
Page   3 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description DM7800/DM8800 dual voltage translator

DM8800 Datasheet (HTML) - National Semiconductor (TI)


DM8800 Product details

general description
The DM7800/DM8800 are dual voltage translators
designed for interfacing between conventional TTL
or DTL voltage levels and those levels associated
with high impedance junction or MOS FET-type
devices_ The design allows the user a wide latitude
in his selection of power supply voltages, thus providing custom control of the output swing. The
translator is especially useful in analog switching;
and since low power dissipation occurs in the "off"
state, minimum system power is required.

features
• 31 volt (max) output swing
• 1 mW power dissipation in nor~al state
• Standard 5V power supply
• Temperature range:
DM7800
DM8800
_55°C to +125°C
O°C to +70°C
• Compatible with all MOS devices




Similar Part No. - DM8800

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8806 DAVICOM-DM8806 Datasheet
65Kb / 2P
6-Port Fast Ethernet Single Chip Switch Controller with
More results


Similar Description - DM8800

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH6201 INTERSIL-IH6201 Datasheet
54Kb / 4P
Dual CMOS Driver/Voltage Translator
April 1999
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
Dual Voltage Level Translator
logo
Renesas Technology Corp
RD74VT1G04 RENESAS-RD74VT1G04 Datasheet
2Mb / 8P
Single Inverter Buffer / Dual Supply Voltage Translator
logo
ON Semiconductor
FXL2SD106 ONSEMI-FXL2SD106 Datasheet
598Kb / 13P
Low-Voltage Dual-Supply 6-Bit Voltage Translator
June 2011 Rev. 1.8.1
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
FXLA108 ONSEMI-FXLA108 Datasheet
623Kb / 19P
Low-Voltage Dual-Supply 8-Bit Voltage Translator
March 2012 Rev. 1.0.5
FXMAR2102 ONSEMI-FXMAR2102 Datasheet
444Kb / 18P
Dual-Supply, 2-Bit Voltage Translator / Isolator
July 2014 Rev. 1.0.3
FXMAR2104 ONSEMI-FXMAR2104 Datasheet
793Kb / 17P
Dual-Supply, 4-Bit Voltage Translator / Isolator
July 2012 Rev. 1.0.1
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com