Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC-290 Datasheet (PDF) - Vectron International, Inc

OC-290 Datasheet PDF - Vectron International, Inc
Part # OC-290
Download  OC-290 Download
File Size   77.27 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Oven Controlled Crystal Oscillators

OC-290 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC-290 Datasheet PDF - Vectron International, Inc

Part # OC-290
Download  OC-290 Click to download

File Size   77.27 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Oven Controlled Crystal Oscillators

OC-290 Datasheet (HTML) - Vectron International, Inc


OC-290 Product details

Description:
Small SMD OCXO with tight stability.
AT and SC-cut versions available.

Features
• 5 MHz, 10 MHz, 13 MHz standard. Other frequencies available from 2 to 80 MHz
• Stability as low as ±5 x 10-8 over 0°C to 50°C
• Aging: 1 x 10-9 per day
• Package: 25.4 x 22 x 10.5 mm
• Supply voltage: +3.3 or +5.0 V




Similar Part No. - OC-290

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OC-2.5 CALIBER-OC-2.5 Datasheet
42Kb / 1P
5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10 CALIBER-OC-2.5-10 Datasheet
42Kb / 1P
5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-100 CALIBER-OC-2.5-100 Datasheet
42Kb / 1P
5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10027 CALIBER-OC-2.5-10027 Datasheet
42Kb / 1P
5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10027A CALIBER-OC-2.5-10027A Datasheet
42Kb / 1P
5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
More results


Similar Description - OC-290

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX253B-H-MR-R@10M BOWEI-OX253B-H-MR-R@10M Datasheet
178Kb / 1P
Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com