Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM50 Datasheet (PDF) - Unisonic Technologies

20NM50 Datasheet PDF - Unisonic Technologies
Part # 20NM50
Download  20NM50 Download
File Size   409.22 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET

20NM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
20NM50 Datasheet PDF - Unisonic Technologies

Part # 20NM50
Download  20NM50 Click to download

File Size   409.22 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET

20NM50 Datasheet (HTML) - Unisonic Technologies


20NM50 Product details

 DESCRIPTION
The UTC 20NM50 is a Super Junction MOSFET Structure and
is designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and a high rugged
avalanche characteristics. This power MOSFET is usually used at
AC-DC converters for power applications

 FEATURES
* RDS(ON) ≤ 0.24 Ω @ VGS=10V, ID=10A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 20NM50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20NM60 UTC-20NM60 Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TA3-T UTC-20NM60L-TA3-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TF1-T UTC-20NM60L-TF1-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TM3-T UTC-20NM60L-TM3-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TN3-R UTC-20NM60L-TN3-R Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
More results


Similar Description - 20NM50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20NM60 UTC-20NM60 Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
20A, 500V N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
UF450L-T47-T VBSEMI-UF450L-T47-T Datasheet
1Mb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
STW26NM50 VBSEMI-STW26NM50 Datasheet
966Kb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBE15R07S VBSEMI-VBE15R07S Datasheet
915Kb / 12P
N-Channel 500V(D-S) Super Junction Power MOSFET
VBE15R10S VBSEMI-VBE15R10S Datasheet
849Kb / 9P
N-Channel 500V (D -S) Super Junction Power MOSFET
VBE15R15S VBSEMI-VBE15R15S Datasheet
847Kb / 10P
N-Channel 500V (D -S) Super Junction Power MOSFET
VBM15R11S VBSEMI-VBM15R11S Datasheet
823Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBM15R15S VBSEMI-VBM15R15S Datasheet
813Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com