Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1888G-S08-R Datasheet (PDF) - Unisonic Technologies

P1888G-S08-R Datasheet PDF - Unisonic Technologies
Part # P1888G-S08-R
Download  P1888G-S08-R Download
File Size   198.33 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PWM CONTROL 3A STEP-DOWN CONVERTER

P1888G-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P1888G-S08-R Datasheet PDF - Unisonic Technologies

Part # P1888G-S08-R
Download  P1888G-S08-R Click to download

File Size   198.33 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PWM CONTROL 3A STEP-DOWN CONVERTER

P1888G-S08-R Datasheet (HTML) - Unisonic Technologies


P1888G-S08-R Product details

 DESCRIPTION
UTC P1888 consists of 3A step-down switching regulator
control which includes a reference voltage source, oscillation
circuit, error amplifier, internal PMOS and etc with PWM.
UTC P1888 can provide low-ripple power, high efficiency, and
excellent transient characteristics and an enable function, an over
current protect function and a short circuit protect function are built
inside, so the operation frequency will be reduced from 300KHz to
30KHz when OCP or SCP happens. And the PWM control circuit
can vary the duty ratio linearly from 100 down to 0%. This
converter also includes an error amplifier circuit as well as a
soft-start circuit that prevents overshoot at startup. Also, to
minimum external component count an internal compensation
block is built in.
UTC P1888 can work as step-down switching regulators with
the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally. It provides such
outstanding features: low current consumption. It is also suitable for
the operation via an AC adapter because this converter can
accommodate an input voltage up to 23V.

 FEATURES
* Soft-start, Current Limit, Enable function
* Thermal Shutdown function
* Built-in internal SW P-channel MOS
* Input voltage: 4V~23V.
* Output voltage: 1.23V~VCC.
* Duty ratio: 0% to 100% PWM control
* Oscillation frequency: 300KHz typ.




Similar Part No. - P1888G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1888G-S08-R UTC-P1888G-S08-R Datasheet
198Kb / 4P
Thermal Shutdown function
More results


Similar Description - P1888G-S08-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com