Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDF015N120L-AA3-R Datasheet (PDF) - Unisonic Technologies

UDF015N120L-AA3-R Datasheet PDF - Unisonic Technologies
Part # UDF015N120L-AA3-R
Download  UDF015N120L-AA3-R Download
File Size   194.07 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.15A, 1200V N-CHANNEL DEPLETION-MODE POWER MOSFET

UDF015N120L-AA3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UDF015N120L-AA3-R Datasheet PDF - Unisonic Technologies

Part # UDF015N120L-AA3-R
Download  UDF015N120L-AA3-R Click to download

File Size   194.07 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.15A, 1200V N-CHANNEL DEPLETION-MODE POWER MOSFET

UDF015N120L-AA3-R Datasheet (HTML) - Unisonic Technologies


UDF015N120L-AA3-R Product details

 DESCRIPTION
The UTC UDF015N120 is an N-channel power MOSFET using
UTC’s advanced technology to provide the customers with high
switching speed.

 FEATURES
* RDS(ON) ≤ 500 Ω @ VGS=0V, ID=75mA
* High Switching Speed




Similar Part No. - UDF015N120L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UDF-2.5 MICROSEMI-UDF-2.5 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
UDF-5 MICROSEMI-UDF-5 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
More results


Similar Description - UDF015N120L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com