Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL6362MG Datasheet (PDF) - Opnext. Inc.

HL6362MG Datasheet PDF - Opnext. Inc.
Part # HL6362MG
Download  HL6362MG Download
File Size   102.37 Kbytes
Page   5 Pages
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.
Description Low Operating Current Visible Laser Diode

HL6362MG Datasheet (PDF)

Go To PDF Page Download Datasheet
HL6362MG Datasheet PDF - Opnext. Inc.

Part # HL6362MG
Download  HL6362MG Click to download

File Size   102.37 Kbytes
Page   5 Pages
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.
Description Low Operating Current Visible Laser Diode

HL6362MG Datasheet (HTML) - Opnext. Inc.


HL6362MG Product details

Description
The HL6362MG/63MG are 0.63 µm band AlGaInP laser diodes with a multi-quantum well (MQW) structure. They are
suitable as light sources for laser display, laser scanners and optical equipment for measurement.

Features
•  Visible light output  : 640 nm Typ
•  Single longitudinal mode
•  Optical output power  : 40 mW CW
•  Low operating current  : 90 mA Typ
•  Low operating voltage : 2.6 V Max
•  Operating temperature : +50°C
•  TE mode oscillation




Similar Part No. - HL6362MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6361MG OPNEXT-HL6361MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6364DG OPNEXT-HL6364DG Datasheet
93Kb / 4P
Low Operating Current Visible Laser Diode
HL6365DG OPNEXT-HL6365DG Datasheet
93Kb / 4P
Low Operating Current Visible Laser Diode
HL6366DG OPNEXT-HL6366DG Datasheet
93Kb / 4P
Low Operating Current Visible High Power Laser Diode
More results


Similar Description - HL6362MG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6333MG HITACHI-HL6333MG Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
HL6325 HITACHI-HL6325 Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
HL6331G HITACHI-HL6331G Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6354MG OPNEXT-HL6354MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6356MG OPNEXT-HL6356MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6358MG OPNEXT-HL6358MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
Low Operating Current Visible Laser Diode
HL6364DG OPNEXT-HL6364DG Datasheet
93Kb / 4P
Low Operating Current Visible Laser Diode
HL6376DG OPNEXT-HL6376DG Datasheet
92Kb / 4P
Low Operating Current Visible Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com