Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML0131 Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML0131 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML0131
Download  ML0131 Download
File Size   133.45 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)

ML0131 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML0131 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML0131
Download  ML0131 Click to download

File Size   133.45 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)

ML0131 Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML0131 Product details

DESCRIPTION
The laser driver IC were designed for use in 2.5Gb/s lightwave applications.

FEATURES
- High speed operation
             tr/tf = 80ps (RL=25W)
- ECL/SCFL compatible interface
- Adjustable outout current
             Iout = ˜60mA
- Low Power Dissipation
             Vss = -5.2V, PD = 700mW

APPLICATION
- 2.5Gb/s optical transmitter




Similar Part No. - ML0131

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ML010BG1PG HONEYWELL-ML010BG1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010BS1PG HONEYWELL-ML010BS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PG1PG HONEYWELL-ML010PG1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PS1PG HONEYWELL-ML010PS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PS1PG HONEYWELL-ML010PS1PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
More results


Similar Description - ML0131

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
5.0V 2.5Gb/s TIA
Rev 0
logo
Toshiba Semiconductor
TOAD347-RXB TOSHIBA-TOAD347-RXB Datasheet
232Kb / 4P
Optical Communication Devices 2.5Gb/s Optical Receiver
Sep-2001
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
2.5Gb/s Buried Het Laser non-WDM applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com