Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052R8 Datasheet (PDF) - STMicroelectronics

STM8L052R8 Datasheet PDF - STMicroelectronics
Part # STM8L052R8
Download  STM8L052R8 Download
File Size   845.14 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC

STM8L052R8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8L052R8 Datasheet PDF - STMicroelectronics

Part # STM8L052R8
Download  STM8L052R8 Click to download

File Size   845.14 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC

STM8L052R8 Datasheet (HTML) - STMicroelectronics


STM8L052R8 Product details

Features
■ Operating conditions
– Operating power supply: 1.8 V to 3.6 V
– Temperature range: -40 °C to 85 °C
■ Low power features
– 5 low power modes: Wait, Low power run
(5.9 µA), Low power wait (3 µA), Active-halt
with full RTC (1.4 µA), Halt (400 nA)
– Dynamic power consumption:
200 µA/MHz + 330 µA
– Ultra-low leakage per I/0: 50 nA
– Fast wakeup from Halt: 4.7 µs
■ Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq. 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
■ Reset and supply management
– Low power, ultra-safe BOR reset with 5
programmable thresholds
– Ultra low power POR/PDR
– Programmable voltage detector (PVD)
■ Clock management
– 32 kHz and 1 to 16 MHz crystal oscillators
– Internal 16 MHz factory-trimmed RC
– 38 kHz low consumption RC
– Clock security system
■ Low power RTC
– BCD calendar with alarm interrupt
– Digital calibration with +/- 0.5ppm accuracy
– Advanced anti-tamper detection
■ LCD: 8x24 or 4x28 w/ step-up converter
■ Memories
– 64 KB Flash program memory and
256 bytes data EEPROM with ECC, RWW
– Flexible write and read protection modes
– 4 KB of RAM
■ DMA
– 4 channels supporting ADC, SPIs, I2C,
USARTs, timers
– 1 channel for memory-to-memory
■ 12-bit ADC up to 1 Msps/27 channels
– Internal reference voltage
■ Timers
– Three 16-bit timers with 2 channels (used
as IC, OC, PWM), quadrature encoder
– One 16-bit advanced control timer with 3
channels, supporting motor control
– One 8-bit timer with 7-bit prescaler
– 2 watchdogs: 1 Window, 1 Independent
– Beeper timer with 1, 2 or 4 kHz frequencies
■ Communication interfaces
– Two synchronous serial interfaces (SPI)
– Fast I2C 400 kHz SMBus and PMBus
– Three USARTs (ISO 7816 interface + IrDA)
■ Up to 54 I/Os, all mappable on interrupt vectors
■ Development support
– Fast on-chip programming and nonintrusive debugging with SWIM
– Bootloader using USART




Similar Part No. - STM8L052R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L052R8 STMICROELECTRONICS-STM8L052R8 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
More results


Similar Description - STM8L052R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
22-Jun-2012
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8L051F3 STMICROELECTRONICS-STM8L051F3 Datasheet
1Mb / 96P
8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
September 2018
STM8L052C6 STMICROELECTRONICS-STM8L052C6_V01 Datasheet
1Mb / 103P
Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
09-Mar-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com