Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7691-EP Datasheet (PDF) - Analog Devices

AD7691-EP Datasheet PDF - Analog Devices
Part # AD7691-EP
Download  AD7691-EP Download
File Size   440.1 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 250 kSPS PulSAR Differential ADC in MSOP

AD7691-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7691-EP Datasheet PDF - Analog Devices

Part # AD7691-EP
Download  AD7691-EP Click to download

File Size   440.1 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 250 kSPS PulSAR Differential ADC in MSOP

AD7691-EP Datasheet (HTML) - Analog Devices


AD7691-EP Product details

FEATURES
18-bit resolution with no missing codes
Throughput: 250 kSPS
INL
±0.75 LSB typical
±1.5 LSB minimum/maximum at −40°C to +85°C
−2.7 LSB/+2 LSB minimum/maximum at −55°C to +105°C
Dynamic range: 102 dB typical
Oversampled dynamic range: 125 dB at 1 kSPS
Noise-free code resolution: 20 bits at 1 kSPS
Effective resolution: 22.7 bits at 1 kSPS
SINAD: 101 dB typical at fIN = 1 kHz, VREF = 5 V
THD: −125 dB typical at fIN = 1 kHz, VREF = 5 V
True differential analog input range: ±VREF
0 V to VREF with VREF up to VDD on both inputs
No pipeline delay
Single-supply 2.3 V to 5 V operation with 1.8 V/2.5 V/3 V/5 V
logic interface
Serial interface SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Ability to daisy-chain multiple ADCs
Optional busy indicator feature
Power dissipation
1.35 mW at VDD = 2.5 V, 100 kSPS throughput
4.24 mW at VDD = 5 V, 100 kSPS throughput
1.4 μW at VDD = 2.5 V, 100 SPS throughput
Standby current: 1 nA
10-lead MSOP
Pin-for-pin compatible with the18-bit AD7690 and 16-bit
AD7693, AD7688, and AD7687

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range: −55°C to +105°C
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Battery-powered equipment
Data acquisitions
Seismic data acquisition systems
Instrumentation
Medical instruments

GENERAL DESCRIPTION
The AD7691-EP is an 18-bit, charge redistribution, successive
approximation, analog-to-digital converter (ADC) that operates
from a single power supply, VDD, between 2.3 V and 5 V. It
contains a low power, high speed, 18-bit sampling ADC with
no missing codes, an internal conversion clock, and a versatile
serial interface port. On the CNV rising edge, it samples the
voltage difference between the IN+ and IN− pins. The voltages
on these pins swing in opposite phases between 0 V and REF.
The reference voltage, REF, is applied externally and can be set
up to the supply voltage.
The power of the AD7691-EP scales linearly with throughput.
The SPI-compatible serial interface also features the ability, using
the SDI input, to daisy-chain several ADCs on a single 3-wire
bus and provides an optional busy indicator. It is compatible with
1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate VIO supply.
The AD7691-EP is housed in a 10-lead MSOP with operation
specified from −55°C to +105°C. Additional application and
technical information can be found in the AD7691 data sheet.




Similar Part No. - AD7691-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7691 AD-AD7691 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7691 AD-AD7691 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7691 AD-AD7691 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7691 AD-AD7691 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results


Similar Description - AD7691-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7694 AD-AD7694 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7942 AD-AD7942 Datasheet
555Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
250 kSPS PulSAR Differential ADC in MSOP/LFCSP
23-Feb-2017
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com