Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2574 Datasheet (PDF) - Texas Instruments

TAS2574 Datasheet PDF - Texas Instruments
Part # TAS2574
Download  TAS2574 Download
File Size   551.79 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost

TAS2574 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2574 Datasheet PDF - Texas Instruments

Part # TAS2574
Download  TAS2574 Click to download

File Size   551.79 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost

TAS2574 Datasheet (HTML) - Texas Instruments


TAS2574 Product details

1 Features
• Powerful class-D amplifier
– 8.5W 1% THD+N
– 15V boost with 5.1A max current limit
• Best in class efficiency
– Upto 90% efficiency at system level
– 4.8mW idle channel power
– Integrated Y-bridge
– Advanced 33mV step size class-H boost
• High performance audio channel
– 4.2μV A-wt. idle channel noise
– 114dB Dynamic Range
– -90dB THDN
– Low EMI performance
• Advanced integrated features
– Integrated Speaker IV sense
– Signal detection high efficiency modes
– High accuracy voltage monitor & temp sensor
– Programmable battery input current limit
• Ease of use features
– 1cell, 2cell and 3cell Li-ion battery support
– Clock based power up/down
– Auto clock rate detection: 16kHz to 192kHz
– Integrated ultrasonic tone and chirp generator
– External 14V PVDD supply support
– MCLK free operation
– Thermal and over current protection
– Programmable drive strength IO buffers
• Power Supplies and user interface
– Battery Voltage: 1.8V to 5.5V
– VDD: 1.65V to 1.95V
– IOVDD: 1.2V or 1.8V
– I2S/TDM: 8 channels
– I2C: 4 selectable addresses
• WCSP package

2 Applications
• Mobile phone, Tablets & Wearables
• Smart Speakers with Voice Assistance
• Bluetooth and Wireless speakers

3 Description
The TAS2574 is a digital input Class-D audio amplifier
with an integrated Boost for higher power delivery in
battery-operated systems. The device has integrated
speaker voltage and current sense (IV-Sense) for
real-time monitoring of the loudspeakers. IV-sense
data can be used to run speaker protection algorithms
on a host DSP to enable high output SPL while
keeping speakers in a safe operating region.
The device is optimized for delivering the best battery
life for real use cases of Music playback and Voice
calls. Advanced efficiency optimization features like
Class-H, Y-bridge and algorithms enable the device
to produce best-in-class efficiency across all power
regions of operation. The Class-D amplifier is capable
of delivering 8.5W output power using the integrated
Class-H 15V Boost.
A battery tracking peak voltage limiter and a battery
voltage monitor ADC enables advanced battery
monitoring algorithms on the host processor to
manage peak output power delivery while avoiding
any audio distortion when battery capacity is
depleting.
Up to four devices can share a common bus via
I2S/TDM + I2C interfaces.




Similar Part No. - TAS2574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2574 TI2-TAS2574 Datasheet
556Kb / 10P
TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost
AUGUST 2024
TAS2574YCGR TI2-TAS2574YCGR Datasheet
556Kb / 10P
TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost
AUGUST 2024
TAS2574YCGR.A TI2-TAS2574YCGR.A Datasheet
556Kb / 10P
TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost
AUGUST 2024
More results


Similar Description - TAS2574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
logo
Nuvoton Technology Corp...
NAU8331VG NUVOTON-NAU8331VG Datasheet
1Mb / 12P
8W Class D Mono Multi-level Boost Amplifier with Speaker I/V Sense
logo
Texas Instruments
TAS2564 TI1-TAS2564_V01 Datasheet
2Mb / 118P
TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2572 TI1-TAS2572 Datasheet
335Kb / 6P
TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com