Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS66919 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS66919 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS66919
Download  AONS66919 Download
File Size   337.51 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel AlphaSGT TM

AONS66919 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS66919 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS66919
Download  AONS66919 Click to download

File Size   337.51 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel AlphaSGT TM

AONS66919 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS66919 Product details

General Description
• Trench Power AlphaSGTTM technology
• Low RDS(ON)
• Logic Level Driving
• Excellent Qg
x RDS(ON) Product (FOM)
• Pb-Free lead Plating, RoHS and Halogen-Free
Compliant

Applications
• High Frequency Switching and Synchronous
Rectification

Product Summary
VDS 100V
ID (at VGS=10V) 85A
RDS(ON) (at VGS=10V) < 5.9mΩ
RDS(ON) (at VGS=4.5V) < 7.9mΩ




Similar Part No. - AONS66919

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS66909 AOSMD-AONS66909 Datasheet
444Kb / 6P
100V N-Channel AlphaSGT TM
Rev.1.0: February 2022
logo
TECH PUBLIC Electronics...
AONS66923 TECHPUBLIC-AONS66923 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
AONS66966 TECHPUBLIC-AONS66966 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
More results


Similar Description - AONS66919

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4296 AOSMD-AO4296 Datasheet
375Kb / 5P
100V N-Channel AlphaSGT
AOD294A AOSMD-AOD294A Datasheet
374Kb / 6P
100V N-Channel AlphaSGT
AOB2904 AOSMD-AOB2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOD296A AOSMD-AOD296A Datasheet
364Kb / 6P
100V N-Channel AlphaSGT
AON2392 AOSMD-AON2392 Datasheet
322Kb / 5P
100V N-Channel AlphaSGT
AON6226 AOSMD-AON6226 Datasheet
336Kb / 6P
100V N-Channel AlphaSGT
AOT2904 AOSMD-AOT2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOT2906 AOSMD-AOT2906 Datasheet
372Kb / 6P
100V N-Channel AlphaSGT
AOWF296 AOSMD-AOWF296 Datasheet
424Kb / 8P
100V N-Channel AlphaSGT
AONS66909 AOSMD-AONS66909 Datasheet
444Kb / 6P
100V N-Channel AlphaSGT TM
Rev.1.0: February 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com