Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP1-DC9V-R-F Datasheet (PDF) - Panasonic Semiconductor

DSP1-DC9V-R-F Datasheet PDF - Panasonic Semiconductor
Part # DSP1-DC9V-R-F
Download  DSP1-DC9V-R-F Download
File Size   176.07 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8 A MINIATURE POWER RELAY IN DS RELAY SERIES

DSP1-DC9V-R-F Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP1-DC9V-R-F Datasheet PDF - Panasonic Semiconductor

Part # DSP1-DC9V-R-F
Download  DSP1-DC9V-R-F Click to download

File Size   176.07 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8 A MINIATURE POWER RELAY IN DS RELAY SERIES

DSP1-DC9V-R-F Datasheet (HTML) - Panasonic Semiconductor


DSP1-DC9V-R-F Product details

FEATURES
• Power types added to DS relay series
• High switching capacity: 1a: 8 A 250 V AC /
1a1b, 2a: 5 A 250 V AC
• High sensitivity: 190 mW pick-up power
• High contact welding resistance
• Latching types available
• High breakdown voltage 3,000 Vrms between contacts and coil
1,000 Vrms between open contacts Meeting FCC Part 68
• Sealed types are standard




Similar Part No. - DSP1-DC9V-R-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSP1-DC9V-R NAIS-DSP1-DC9V-R Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
More results


Similar Description - DSP1-DC9V-R-F

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
8 A DPDT MINIATURE POWER RELAY
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
8 A DPDT MINIATURE POWER RELAY SMT
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
16 A SPDT MINIATURE POWER RELAY
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
8 A DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
10 A MINIATURE POWER RELAY
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
8 A DPDT MINIATURE POWER RELAY SMT
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com