Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK628D Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK628D Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK628D
Download  RK628D Download
File Size   1570.96 Kbytes
Page   21 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Rockchip RK628D Datasheet

RK628D Datasheet (PDF)

Go To PDF Page Download Datasheet
RK628D Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK628D
Download  RK628D Click to download

File Size   1570.96 Kbytes
Page   21 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description Rockchip RK628D Datasheet

RK628D Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK628D Product details

Features
The features listed below which may or may not be present in actual product, may be
subject to the third party licensing requirements. Please contact Rockchip for actual product
feature configurations and licensing requirements.

Video input interface
 HDMI RX interface
 Compliant with HDMI 1.4/HDMI 2.0
 Supports 8/10bit per component video format
 Supports rgb888/yuv420
 Supports Max resolution 4k@60fps (yuv420)
 Supports DDC Bus I2C master interface at 3.3/5V
 Supports EDID and CEC function
 Parallel RX interface
 Supports Max resolution 1080p@60fps
 Supports 16bits BT.1120 in
 Supports 24bits parallel RGB in

Video output interface
 HDMI TX interface
 Supports all DTV resolutions including 720p /1080p
 Supports data rate from 25MHz, 1.65bps up to 3.4Gbps over a Single channel
HDMI Internal SRAM
 TMDS Tx Drivers with programmable output swing, resister values and preemphasis
 DDC Bus I2C master interface at 3.3/5V
 The EDID and CEC function are also supported by HDMI Transmitter Controller
 MIPI TX interface
 DSI
 Compliant with MIPI DPHY V1.2
 Support the DPI interface color coding mappings into 24-bit Interface
 Up to 4 DPHY Data Lanes per channel
 Supports data rate up to 1.2Gbps
 Supports dual channel ,DSI0 and DSI1
 CSI
 Compliant with MIPI DPHY V1.2
 Support format: YUV422
 Up to 4 DPHY Data Lanes
 Supports data rate up to 1.2Gbps
 Supports single channel ,combine with DSI0
 GVI TX interface
 Supports RGB666/RGB888/RGB101010/YCbCR422-8bit/YCBCR422-10bit format
 Supports Max resolution 4k@60fps
 Supports up to 3.75Gbps data rate(effective data rate 3Gbps)
 Supports 1/2/4/8 lanes
 Supports output lanes flexible mapping
 Supports 1/2 section mode
 LVDS TX interface
 Compliant with the Standard TIA/EIA-644-A LVDS standard
 Supports data rate up to 1Gbps
 Support 8bit format-1, format-2, format-3 display mode, Support 6bit display
mode.
 Supports dual channel LVDS
 Parallel TX interface
 Supports Max resolution 1080p@60fps
 Supports 16bits BT.1120 out
 Supports 24bits parallel RGB out

Post process
 CSC
 RGB2YUV
 YUV2RGB
 YUV2VYU
 Display interface
 Parallel display Interface: 30-bit(RGB/YUV)
 Asynchronous output pixel clock (PLL required)
 Flexible display timing setting
 Configurable border black area
 Scaling down
 Max input resolution: 4096x2160
 Arbitrary non-integer scaling ratio
 Support two mode: bilinear and average
 Max 1/4 scaling ratio for bilinear scaling down
 Max 1/6 scaling ratio for average scaling down
 Scaling up
 Max output resolution: 4096x2160
 Arbitrary non-integer scaling ratio
 Support four scaling up mode for different effect
 Max 6 scaling ratio
 Split
 Left-right mode
 Odd-even mode(LVDS only)




Similar Part No. - RK628D

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
21 x 9.5 mm Half Body SP Rocker Switches
logo
Electronic devices inc.
RK600A EDI-RK600A Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK600B EDI-RK600B Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
GREATECS
RK66R GREATECS-RK66R Datasheet
245Kb / 1P
SP Waterproof Rocker Switch
RK66R13112A35 GREATECS-RK66R13112A35 Datasheet
245Kb / 1P
SP Waterproof Rocker Switch
More results


Similar Description - RK628D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
DATASHEET
logo
Advantech Co., Ltd.
RSB-4680 ADVANTECH-RSB-4680 Datasheet
3Mb / 4P
Rockchip ARM Cortex-A17 RK3288 3.5 SBC
7-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com