Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL8325G Datasheet (PDF) - Opnext. Inc.

HL8325G Datasheet PDF - Opnext. Inc.
Part # HL8325G
Download  HL8325G Download
File Size   93.6 Kbytes
Page   4 Pages
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.
Description GaAlAs Laser Diode

HL8325G Datasheet (PDF)

Go To PDF Page Download Datasheet
HL8325G Datasheet PDF - Opnext. Inc.

Part # HL8325G
Download  HL8325G Click to download

File Size   93.6 Kbytes
Page   4 Pages
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.
Description GaAlAs Laser Diode

HL8325G Datasheet (HTML) - Opnext. Inc.


HL8325G Product details

Description
The HL8325G is a high-power 0.8 µm band GaAlAs laser diode with a TQW (triple quantum well) structure. Its internal circuit configuration is suitable for operation on a single positive supply voltage. It is suitable as a light source for optical disk memories, card readers and various other types of optical equipment.

Features
• Infrared light output: λp = 820 to 840 nm
• High power: standard continuous operation at 40 mW (CW), pulsed operation at 50 mW
• Built-in monitor photodiode
• Single longitudinal mode




Similar Part No. - HL8325G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL8325G HITACHI-HL8325G Datasheet
21Kb / 4P
GaAlAs Laser Diode
More results


Similar Description - HL8325G

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
GaAlAs Laser Diode
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
GaAlAs Laser Diode
logo
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
GaAlAs Laser Diode
logo
Opnext. Inc.
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com