Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660COA Datasheet (PDF) - Microchip Technology

TC7660COA Datasheet PDF - Microchip Technology
Part # TC7660COA
Download  TC7660COA Download
File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V To 짹10V Voltage Converter

TC7660COA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7660COA Datasheet PDF - Microchip Technology

Part # TC7660COA
Download  TC7660COA Click to download

File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V To 짹10V Voltage Converter

TC7660COA Datasheet (HTML) - Microchip Technology


TC7660COA Product details

GENERAL DESCRIPTION
The TCM680 is a dual charge pump voltage converter that develops output voltages of +2VIN and – 2VIN from a single input voltage of +2.0V to +5.5V. Common applications include ±10V from a single +5V logic supply, and ±6V from a +3V lithium battery.

FEATURES
■ 99% Voltage Conversion Efficiency
■ 85% Power Conversion Efficiency
■ Wide Voltage Range .........................+2.0V to +5.5V
■ Only 4 External Capacitors Required
■ Space Saving 8-Pin SOIC Design

APPLICATIONS
■ ±10V From +5V Logic Supply
■ ±6V From a 3V Lithium Cell
■ Handheld Instruments
■ Portable Cellular Phones
■ LCD Display Bias Generator
■ Panel Meters
■ Operational Amplifier Power Supplies




Similar Part No. - TC7660COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660COA MICROCHIP-TC7660COA Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660COA713 MICROCHIP-TC7660COA713 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
More results


Similar Description - TC7660COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
?쏧nductorless??5V to 5V Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
5V to ??V Converter
logo
Maxim Integrated Produc...
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
5V to 짹10V Voltage Converters
2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com