Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9102 Datasheet (PDF) - Analog Devices

AD9102 Datasheet PDF - Analog Devices
Part # AD9102
Download  AD9102 Download
File Size   3474.25 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator

AD9102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9102 Datasheet PDF - Analog Devices

Part # AD9102
Download  AD9102 Click to download

File Size   3474.25 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator

AD9102 Datasheet (HTML) - Analog Devices


AD9102 Product details

FEATURES
► On-chip 4096 × 14-bit pattern memory
► On-chip DDS
► Power dissipation @ 3.3 V, 4 mA output
► 96.54 mW @ 180 MSPS
► Sleep mode: <5 mW @ 3.3 V
► Supply voltage: 1.8 V to 3.3 V
► SFDR to Nyquist
► 87 dBc @ 10 MHz output
► Phase noise @ 1 kHz offset, 180 MSPS, 8 mA: −150 dBc/Hz
► Differential current outputs: 8 mA max @ 3.3 V
► Small footprint, 32-lead, 5 mm × 5 mm LFCSP with 3.6 mm × 3.6
mm exposed paddle, and Pb-free package
APPLICATIONS
► Medical instrumentation
► Portable instrumentation
► Signal generators, arbitrary waveform generators
► Automotive radar




Similar Part No. - AD9102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9102 AD-AD9102 Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
AD9102-EBZ AD-AD9102-EBZ Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
AD9102BCPZ AD-AD9102BCPZ Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
AD9102BCPZRL7 AD-AD9102BCPZRL7 Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
More results


Similar Description - AD9102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
14 Bit, 80 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9102 AD-AD9102 Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
logo
Texas Instruments
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
logo
Texas Instruments
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
Digital-to- Analog Converter and Waveform Generator
12/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com