Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9106 Datasheet (PDF) - Analog Devices

AD9106 Datasheet PDF - Analog Devices
Part # AD9106
Download  AD9106 Download
File Size   3347.07 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator

AD9106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9106 Datasheet PDF - Analog Devices

Part # AD9106
Download  AD9106 Click to download

File Size   3347.07 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator

AD9106 Datasheet (HTML) - Analog Devices


AD9106 Product details

FEATURES
► Highly integrated quad DAC
► On-chip 4096 × 12-bit pattern memory
► On-chip DDS
► Power dissipation @ 3.3 V, 4 mA output typical
► 315.25 mW at 180 MSPS
► Power-down mode: <5 mW at 3.3 V
► Supply voltage: 1.8 V to 3.3 V
► SFDR to Nyquist
► 86 dBc at 10 MHz output
► Phase noise at 1 kHz offset, 180 MSPS, 4 mA: −140 dBc/Hz
► Differential full-scale current outputs: 8 mA max at 3.3 V
► Small footprint, 5 mm × 5 mm with 3.5 mm × 3.6 mm exposed
paddle, 32-lead LFCSP
► RoHS compliant package
APPLICATIONS
► Medical instrumentation
► Ultrasound transducer excitation
► Portable instrumentation
► Signal generators, arbitrary waveform generators




Similar Part No. - AD9106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106 AD-AD9106 Datasheet
1Mb / 58P
Digital-to- Analog Converter and Waveform Generator
12/2017-Rev. A to Rev. B
AD9106-EBZ AD-AD9106-EBZ Datasheet
851Kb / 48P
Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106-EBZ AD-AD9106-EBZ Datasheet
1Mb / 58P
Digital-to- Analog Converter and Waveform Generator
12/2017-Rev. A to Rev. B
AD9106BCPZ AD-AD9106BCPZ Datasheet
851Kb / 48P
Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
More results


Similar Description - AD9106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9102 AD-AD9102 Datasheet
695Kb / 36P
Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
logo
Texas Instruments
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
Digital-to- Analog Converter and Waveform Generator
12/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com