Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2819 Datasheet (PDF) - Analog Devices

ADN2819 Datasheet PDF - Analog Devices
Part # ADN2819
Download  ADN2819 Download
File Size   377.3 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multirate to 2.7 Gbps Clock and Data Recovery IC with Integrated Limiting Amp

ADN2819 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2819 Datasheet PDF - Analog Devices

Part # ADN2819
Download  ADN2819 Click to download

File Size   377.3 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multirate to 2.7 Gbps Clock and Data Recovery IC with Integrated Limiting Amp

ADN2819 Datasheet (HTML) - Analog Devices


ADN2819 Product details

FEATURES
Meets SONET requirements for jitter transfer/generation/tolerance
Quantizer sensitivity: 4 mV typical
Adjustable slice level: ±100 mV
1.9 GHz minimum bandwidth
Patented clock recovery architecture
Loss of signal detect range: 3 mV to 15 mV
Single reference clock frequency for all rates, including 15/14 (7%) wrapper rate
Choice of 19.44 MHz, 38.88 MHz, 77.76 MHz, or 155.52 MHz REFCLK
LVPECL/LVDS/LVCMOS/LVTTL compatible inputs (LVPECL/LVDS only at 155.52 MHz)
19.44 MHz oscillator on-chip to be used with external crystal
Loss of lock indicator
Loopback mode for high speed test data
Output squelch and bypass features
Single-supply operation: 3.3 V
Low power: 540 mW typical
7 mm × 7 mm 48-lead LFCSP
APPLICATIONS
SONET OC-3/-12/-48, SDH STM-1/-4/-16, GbE and 15/14 FEC rates
WDM transponders
Regenerators/repeaters
Test equipment
Backplane applications




Similar Part No. - ADN2819

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2819ACP-CML AD-ADN2819ACP-CML Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2819ACP-CML-RL AD-ADN2819ACP-CML-RL Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2819ACPZ-CML-RL1 AD-ADN2819ACPZ-CML-RL1 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2819ACPZ-CML1 AD-ADN2819ACPZ-CML1 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
More results


Similar Description - ADN2819

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
logo
Analog Devices
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2814 AD-ADN2814_15 Datasheet
407Kb / 28P
Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com