Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73827 Datasheet (PDF) - Microchip Technology

MCP73827 Datasheet PDF - Microchip Technology
Part # MCP73827
Download  MCP73827 Download
File Size   283.15 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor

MCP73827 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73827 Datasheet PDF - Microchip Technology

Part # MCP73827
Download  MCP73827 Click to download

File Size   283.15 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor

MCP73827 Datasheet (HTML) - Microchip Technology


MCP73827 Product details

Description
The MCP73827 is a linear charge management controller for use in space-limited, cost sensitive applications. The MCP73827 combines high accuracy constant voltage, controlled current regulation, cell preconditioning, and charge status indication in a space saving 8-pin MSOP package. The MCP73827 provides a stand-alone charge management solution.

Features
• Linear Charge Management Controller for Single Lithium-Ion Cells
• High Accuracy Preset Voltage Regulation: + 1% (max)
• Two Preset Voltage Regulation Options:
    - 4.1V - MCP73827-4.1
    - 4.2V - MCP73827-4.2
• Programmable Charge Current
• Automatic Cell Preconditioning of Deeply Depleted Cells, Minimizing Heat Dissipation During Initial Charge Cycle
• Charge Status Output for LED Drive or Microcontroller Interface
• Charge Current Monitor Output
• Automatic Power-Down when Input Power Removed
• Temperature Range: -20°C to +85°C
• Packaging: 8-Pin MSOP

Applications
• Single Cell Lithium-Ion Battery Chargers
• Personal Data Assistants
• Cellular Telephones
• Hand Held Instruments
• Cradle Chargers
• Digital Cameras




Similar Part No. - MCP73827

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826 MICROCHIP-MCP73826 Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.1VCHTR MICROCHIP-MCP73826-4.1VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.2VCHTR MICROCHIP-MCP73826-4.2VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
More results


Similar Description - MCP73827

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73828 MICROCHIP-MCP73828 Datasheet
499Kb / 24P
Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
2002
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
Lithium Ion Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com