Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1620002 Datasheet (PDF) - PHOENIX CONTACT

1620002 Datasheet PDF - PHOENIX CONTACT
Part # 1620002
Download  1620002 Download
File Size   377.35 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-12M1N8A9503 - Coupler connector

1620002 Datasheet (PDF)

Go To PDF Page Download Datasheet
1620002 Datasheet PDF - PHOENIX CONTACT

Part # 1620002
Download  1620002 Click to download

File Size   377.35 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-12M1N8A9503 - Coupler connector

1620002 Datasheet (HTML) - PHOENIX CONTACT


1620002 Product details

M23, Coupler connector, series: CA, straight, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 12, Direction of rotation: Standard, contact connection type: Pin, Crimp
connection, cable diameter range: 6 mm ... 10 mm, coding: N, Alternative product in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1243941

Your advantages
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1620002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620000 PHOENIX-1620000 Datasheet
254Kb / 7P
CA-17M1N8A9503 - Coupler connector
1620003 PHOENIX-1620003 Datasheet
456Kb / 13P
CA-12F1N8A9503 - Coupler connector
1620004 PHOENIX-1620004 Datasheet
450Kb / 13P
CA-12M2N8A9503 - Coupler connector
1620005 PHOENIX-1620005 Datasheet
433Kb / 13P
CA-12F2N8A9503 - Coupler connector
1620006 PHOENIX-1620006 Datasheet
453Kb / 13P
CA-17M1N8A9502 - Coupler connector
More results


Similar Description - 1620002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
Coupler connector - CA-06P1N129008
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
Coupler connector - CA-07S1N129008
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
Coupler connector - CA-12S1N129007
1620078 PHOENIX-1620078 Datasheet
64Kb / 4P
Coupler connector - CA-09P1N129007
1620079 PHOENIX-1620079 Datasheet
64Kb / 4P
Coupler connector - CA-09S1N129007
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
Coupler connector - CA-09S1N129008
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
Coupler connector - CA-07P1N129007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com