Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC-08ENG Datasheet (PDF) - ON Semiconductor

DAC-08ENG Datasheet PDF - ON Semiconductor
Part # DAC-08ENG
Download  DAC-08ENG Download
File Size   141.49 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8?묪it High?뭆peed Multiplying D/A Converter

DAC-08ENG Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC-08ENG Datasheet PDF - ON Semiconductor

Part # DAC-08ENG
Download  DAC-08ENG Click to download

File Size   141.49 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8?묪it High?뭆peed Multiplying D/A Converter

DAC-08ENG Datasheet (HTML) - ON Semiconductor


DAC-08ENG Product details

The DAC-08 series of 8-bit monolithic multiplying Digital-toAnalog Converters provide very high-speed performance coupled with low cost and outstanding applications flexibility.

Features
• Fast Settling Output Current − 70 ns
• Full-Scale Current Prematched to 1.0 LSB
• Direct Interface to TTL, CMOS, ECL, HTL, PMOS
• Relative Accuracy to 0.1% Maximum Overtemperature Range
• High Output Compliance −10 V to +18 V
• True and Complemented Outputs
• Wide Range Multiplying Capability
• Low FS Current Drift − 10ppm/°C
• Wide Power Supply Range − 4.5 V to 18 V
• Low Power Consumption − 37 mW at 5.0 V
• Pb−Free Packages are Available*

Applications
• 8-Bit, 1.0 s A-to-D Converters
• Servo-Motor and Pen Drivers
• Waveform Generators
• Audio Encoders and Attenuators
• Analog Meter Drivers
• Programmable Power Supplies
• CRT Display Drivers
• High-Speed Modems
• Other Applications where Low Cost, High Speed and Complete Input/Output Versatility are Required
• Programmable Gain and Attenuation
• Analog-Digital Multiplication




Similar Part No. - DAC-08ENG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08EN PHILIPS-DAC-08EN Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
More results


Similar Description - DAC-08ENG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com