Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9352 Datasheet (PDF) - Analog Devices

AD9352 Datasheet PDF - Analog Devices
Part # AD9352
Download  AD9352 Download
File Size   91.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WiMAX/WiBro RF MxFE Transceiver

AD9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9352 Datasheet PDF - Analog Devices

Part # AD9352
Download  AD9352 Click to download

File Size   91.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WiMAX/WiBro RF MxFE Transceiver

AD9352 Datasheet (HTML) - Analog Devices


AD9352 Product details

GENERAL DESCRIPTION
The AD9352 is a fully integrated transceiver for IEEE 802.16 WiMAX and WiBro wireless network systems. The RF MxFE™ combines the RF front-end with mixed-signal baseband enabling an easy-to-use digital interface to the baseband ASIC or FPGA. The AD9352 operates in the 2.3 GHz to 2.7 GHz range covering most of the licensed and unlicensed bands. Channel bandwidths of 3.5 MHz, 4.375 MHz, 5 MHz, 7 MHz, 8.75 MHz, 10 MHz, 14 MHz, 17.5 MHz, and 20 MHz are supported.

FEATURES
    RF transceiver with integrated ADCs and DACs
    IEEE 802.16 WiMAX/WiBro
    2.3 GHz to 2.7 GHz
    3.5 MHz < BW < 20 MHz
    Superior receiver sensitivity with NF 3.7 dB
    Highly linear and spectrally pure transmitter
    Tx EVM −38 dB
    SNR > 134 dB/Hz at FOFFSET > 22 MHz
    Tx power control
    Range: 0 dB to 58 dB
    Resolution: 0.25 dB
    Autonomous AGC and Tx power control
    Automatic frequency correction < 0.012 ppm
    Integrated Frac-N synthesizer
    8 Hz LO step size
    Integrated phase noise < 0.4°rms

APPLICATIONS
    WiMAX/WiBro/BWA




Similar Part No. - AD9352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9352 AD-AD9352 Datasheet
103Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9352-5 AD-AD9352-5 Datasheet
103Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
WiMAX/WiBro RF
Rev. Sp0
More results


Similar Description - AD9352

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2300 FAIRCHILD-FMPA2300 Datasheet
540Kb / 9P
2.3-2.4GHz WiMax/WiBro Linear Power Amplifier
logo
Analog Devices
AD9353 AD-AD9353 Datasheet
96Kb / 2P
WiMAX RF MxFE Transceiver
AD9354 AD-AD9354 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9355 AD-AD9355 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9353BCPZ AD-AD9353BCPZ Datasheet
97Kb / 2P
WiMAX RF MxFE Transceiver
Rev. Sp0
AD9352-5 AD-AD9352-5 Datasheet
103Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
WiMAX/WiBro RF
Rev. Sp0
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
WiMAX RF
Rev. Sp0
logo
Transko Electronics, In...
TA2315AJ1 TRANSKO-TA2315AJ1 Datasheet
494Kb / 4P
WIBRO, RF SAW Filter
Revision 0: June 2005
TA2315AM TRANSKO-TA2315AM Datasheet
427Kb / 4P
WIBRO, RF SAW Filter
Revision 1: June 2008
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com