Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA128 Datasheet (PDF) - Microchip Technology

25AA128 Datasheet PDF - Microchip Technology
Part # 25AA128
Download  25AA128 Download
File Size   553.36 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K SPI Bus Serial EEPROM

25AA128 Datasheet (PDF)

Go To PDF Page Download Datasheet
25AA128 Datasheet PDF - Microchip Technology

Part # 25AA128
Download  25AA128 Click to download

File Size   553.36 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K SPI Bus Serial EEPROM

25AA128 Datasheet (HTML) - Microchip Technology


25AA128 Product details

Description:
The Microchip Technology Inc. 25AA128/25LC128 (25XX128*) are 128k-bit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Max. Clock 10 MHz
• Low-power CMOS Technology
   - Max. Write Current: 5 mA at 5.5V, 10 MHz
   - Read Current: 5 mA at 5.5V, 10 MHz
   - Standby Current: 5 A at 5.5V
• 16,384 x 8-bit Organization
• 64 Byte Page
• Self-timed Erase and Write Cycles (5 ms max.)
• Block Write Protection
   - Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection
   - Power-on/off data protection circuitry
   - Write enable latch
   - Write-protect pin
• Sequential Read
• High Reliability
   - Endurance: 1,000,000 erase/write cycles
   - Data retention: > 200 years
   - ESD protection: > 4000V
• Temperature Ranges Supported;
   - Industrial (I): -40C to +85C
   - Automotive (E): -40°C to +125°C
• Pb-free and RoHS Compliant




Similar Part No. - 25AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA128 MICROCHIP-25AA128 Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25AA128-E/MF MICROCHIP-25AA128-E/MF Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25AA128-E/P MICROCHIP-25AA128-E/P Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25AA128-E/SN MICROCHIP-25AA128-E/SN Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25AA128-E/ST MICROCHIP-25AA128-E/ST Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
More results


Similar Description - 25AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
256K SPI Bus Serial EEPROM
2007
25AA128 MICROCHIP-25AA128_09 Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
Serial SPI EEPROM (SPI Bus)(512Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
256Kbit Serial SPI EEPROM (SPI Bus)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com