Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT800B Datasheet (PDF) - Diotec Semiconductor

PT800B Datasheet PDF - Diotec Semiconductor
Part # PT800B
Download  PT800B Download
File Size   112.31 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode

PT800B Datasheet (PDF)

Go To PDF Page Download Datasheet
PT800B Datasheet PDF - Diotec Semiconductor

Part # PT800B
Download  PT800B Click to download

File Size   112.31 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode

PT800B Datasheet (HTML) - Diotec Semiconductor


PT800B Product details

Silicon Rectifier Diodes – Single Diode

• Nominal current                                          8 A
• Repetitive peak reverse voltage    50...1000 V
• Plastic case                                     TO-220AC
• Weight approx.                                         1.8 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - PT800B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800B DIOTEC-PT800B Datasheet
119Kb / 2P
Silicon Rectifier Diodes - Single Diode
PT800B DIOTEC-PT800B Datasheet
120Kb / 2P
Silicon Rectifier Diodes . Single Diode
PT800B DIOTEC-PT800B Datasheet
120Kb / 2P
Silicon Rectifier Diodes - Single Diode
PT800B DIOTEC-PT800B Datasheet
166Kb / 2P
Standard Recovery Rectifier Diodes
PT800B DIOTEC-PT800B Datasheet
153Kb / 2P
Standard Recovery Rectifier Diodes
More results


Similar Description - PT800B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40D2A DIOTEC-B40D2A Datasheet
115Kb / 2P
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
D-BYW36 DIOTEC-D-BYW36 Datasheet
76Kb / 2P
Fast Silicon Rectifiers Schnelle Si-Gleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
Silicon-Rectifiers -Silizium-Gleichrichter
PCT1600A DIOTEC-PCT1600A Datasheet
118Kb / 2P
Silicon Rectifiers - Common Cathode Silizium-Gleichrichter - Gemeinsame Kathode
BY206 DIOTEC-BY206 Datasheet
131Kb / 2P
Fast Silicon Rectifiers / Schnelle Silizium Gleichrichter
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com