Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet (PDF) - Microchip Technology

PS200 Datasheet PDF - Microchip Technology
Part # PS200
Download  PS200 Download
File Size   564.31 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PowerSmart짰 Configurable Battery Charger

PS200 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS200 Datasheet PDF - Microchip Technology

Part # PS200
Download  PS200 Click to download

File Size   564.31 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PowerSmart짰 Configurable Battery Charger

PS200 Datasheet (HTML) - Microchip Technology


PS200 Product details

PS200 OVERVIEW
The PS200 is a configurable Switch mode charger which is comprised of a PIC16F microcontroller core and precision analog circuitry. This section explores the hardware features in relation to generic Switch mode charging. Subsequent sections will describe the operation of the PS200 with firmware for Lithium-based (Section 2.0 “Lithium Chemistry Algorithm”), Nickel-based (Section 3.0 “Nickel Chemistry Algorithm”) and Lead Acid (Section 4.0 “Lead Acid Chemistry Algorithm”) charging.

• Oscillator
• Power-saving Sleep mode
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• High-Endurance Flash/EEPROM Cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - Flash/Data EEPROM retention: > 40 years
• High-Speed Comparator module with:
   - Two independent analog comparators
• Operational Amplifier module with two
   independent op amps
• Two-Phase Asynchronous Feedback PWM
• Voltage Regulator
• 10-bit (9-bit plus sign) A/D Converter
• In-Circuit Serial Programming™ (ICSP™) via
   two pins

Features
• User configurable battery charger.
• Firmware available for the following cell
   chemistries:
   - Lithium Ion/Polymer (available now)
   - NiMH, NiCd (available Q2 2005)
   - Pb Acid (available Q3 2005)
• 10-bit ADC for voltage, current and temperature
   measurement:
   - Accurate Voltage Regulation (+/-1%)
   - Accurate Current Regulation (+/-5%)
• Maximum integration for optimal size:
   - Integrated voltage regulator
   - Internal 8 MHz clock oscillator
   - High-Frequency Switch mode charging –
   configurable switching frequency up to 1 MHz
• 256 bytes EEPROM storage for charging
   parameters
• Switch mode charger supports buck and
   synchronous buck topologies
• Configurable charge status display via two LEDs
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Power-saving Sleep mode

Applications
• Notebook Computers
• Personal Data Assistants
• Cellular Telephones
• Digital Still Cameras
• Camcorders
• Portable Audio Products
• Bluetooth® Devices
• Flashlights
• Power Tools




Similar Part No. - PS200

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS200 PANJIT-PS200 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200 Datasheet
52Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Campbell Scientific Uni...
PS200 CAMPBELL-PS200 Datasheet
1Mb / 2P
Smart Charging Regulator and Power Supply
April 14, 2015
logo
Axiomtek Co., Ltd.
PS200-1U AXIOMTEK-PS200-1U Datasheet
110Kb / 1P
Power Supplies
More results


Similar Description - PS200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Renesas Technology Corp
ISL9241 RENESAS-ISL9241 Datasheet
245Kb / 2P
Buck-Boost Configurable Battery Charger with SMBus Interface and USB
Aug 12, 2021
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com