Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4426M Datasheet (PDF) - Microchip Technology

TC4426M Datasheet PDF - Microchip Technology
Part # TC4426M
Download  TC4426M Download
File Size   209.99 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC4426M Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4426M Datasheet PDF - Microchip Technology

Part # TC4426M
Download  TC4426M Click to download

File Size   209.99 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC4426M Datasheet (HTML) - Microchip Technology


TC4426M Product details

General Description
The TC4426M/TC4427M/TC4428M are improved versions of the earlier TC426M/TC427M/TC428M family of MOSFET drivers. The TC4426M/TC4427M/TC4428M devices have matched rise and fall times when charging and discharging the gate of a MOSFET. These devices are highly latch-up resistant under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to 500 mA of reverse current (of either polarity) being forced back into their outputs. All terminals are fully protected against Electrostatic Discharge (ESD) up to 4 kV.
The TC4426M/TC4427M/TC4428M MOSFET drivers can easily charge/discharge 1000 pF gate capacitances in under 30 ns and provide low enough impedances in both the on and off states to ensure the MOSFETs intended state will not be affected, even by large transients.
The TC4426AM/TC4427AM/TC4428AM family of devices are also compatible drivers. The TC4426AM/TC4427AM/TC4428AM devices have matched leading and falling edge input-to-output delay times, in addition to the matched rise and fall times of the TC4426M/TC4427M/TC4428M devices.

Features
• High Peak Output Current – 1.5A
• Wide Input Supply Voltage Operating Range:
   - 4.5V to 18V
• High Capacitive Load Drive Capability – 1000 pF in 25 ns (typ.)
• Short Delay Times – 40 ns (typ.)
• Matched Rise and Fall Times
• Low Supply Current:
   - With Logic ‘1’ Input – 4 mA
   - With Logic ‘0’ Input – 400 µA
• Low Output Impedance – 7Ω
• Latch-Up Protected: Will Withstand 0.5A Reverse Current
• Input: Will Withstand Negative Inputs Up to 5V
• ESD Protected – 4 kV
• Pin-Compatible with the TC426M/TC427M/
   TC428M, TC4426AM/TC4427AM/TC4428AM
   Devices
• Wide Operating Temperature Range:
- -55°C to +125°C
• See TC4426/TC4427/TC4428 data sheet
   (DS21422) for additional temperature range and
   packaging offerings

Applications
• Switch-mode Power Supplies
• Line Drivers
• Pulse Transformer Drive




Similar Part No. - TC4426M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426MJA TELCOM-TC4426MJA Datasheet
75Kb / 6P
1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426MJA MICROCHIP-TC4426MJA Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
More results


Similar Description - TC4426M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426AM MICROCHIP-TC4426AM_05 Datasheet
190Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com