Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909 Datasheet (PDF) - Microchip Technology

MCP3909 Datasheet PDF - Microchip Technology
Part # MCP3909
Download  MCP3909 Download
File Size   1201.24 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Energy Metering IC with SPI Interface and Active Power Pulse Output

MCP3909 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3909 Datasheet PDF - Microchip Technology

Part # MCP3909
Download  MCP3909 Click to download

File Size   1201.24 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Energy Metering IC with SPI Interface and Active Power Pulse Output

MCP3909 Datasheet (HTML) - Microchip Technology


MCP3909 Product details

Description
The MCP3909 device is an energy-metering IC designed to support the IEC 62053 international metering standard specification. It supplies a frequency output proportional to the average active real power, with simultaneous serial access to ADC channels and multiplier output data. This output waveform data is available at up to 14 kHz with 16-bit ADC output and 20-bit multiplier output words. The 16-bit, delta-sigma ADCs allow for a wide range of IB and IMAX currents and/or small shunt (<200 µOhms) meter designs. A no-load threshold block prevents any current creep measurements for the active power pulse outputs.

Features
• Supports IEC 62053 International Energy Metering Specification
• Digital Waveform Data Access Through SPI Interface
    - 16-bit Dual ADC Output Data Words
    - 20-bit Multiplier Output Data Word
• Dual Functionality Pins Support Serial Interface Access and Simultaneous Active Power Pulse Output
• Two 16-bit Second Order Delta-sigma Analogto-Digital Converters (ADCs) with Multi-bit DAC
    - 81 dB SINAD (typical) on Both Channels
• 0.1% Typical Active Energy Measurement Error Over 1000:1 Dynamic Range
• PGA for Small Signal Input Supports Low Value Shunt Current Sensor
• Ultra-low Drift On-chip Reference,15 ppm/°C (typical)
• Direct Drive for Electromagnetic Mechanical Counter and Two-phase Stepper Motors
• Low IDD of 4 mA (maximum)
• Tamper Output Pin for Negative Power Indication
• Temperature Ranges:
    - Industrial: -40°C to +85°C
    - Extended: -40°C to +125°C




Similar Part No. - MCP3909

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
MCP3909-E/SS MICROCHIP-MCP3909-E/SS Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909T-E/SS MICROCHIP-MCP3909T-E/SS Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
More results


Similar Description - MCP3909

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com