Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12C671 Datasheet (PDF) - Microchip Technology

12C671 Datasheet PDF - Microchip Technology
Part # 12C671
Download  12C671 Download
File Size   1814.95 Kbytes
Page   129 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory

12C671 Datasheet (PDF)

Go To PDF Page Download Datasheet
12C671 Datasheet PDF - Microchip Technology

Part # 12C671
Download  12C671 Click to download

File Size   1814.95 Kbytes
Page   129 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory

12C671 Datasheet (HTML) - Microchip Technology


12C671 Product details

GENERAL DESCRIPTION
The PIC12C67X devices are low-cost, high-perfor mance, CMOS, fully-static, 8-bit microcontrollers with integrated analog-to-digital (A/D) converter and EEPROM data memory (EEPROM on PIC12CE67X versions only).

High-Performance RISC CPU:
• Only 35 single word instructions to learn
• All instructions are single cycle (400 ns) except for program branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
                           DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• Interrupt capability
• Special function hardware registers
• 8-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions

Peripheral Features:
• Four-channel, 8-bit A/D converter
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years

Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™)
• Internal 4 MHz oscillator with programmable calibration
• Selectable clockout
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Interrupt-on-pin change (GP0, GP1, GP3)
• Internal pull-ups on I/O pins (GP0, GP1, GP3)
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Precision internal 4 MHz oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - HS: High speed crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low-power, high-speed CMOS EPROM/EEPROM technology
• Fully static design
• Wide operating voltage range 2.5V to 5.5V
• Commercial, Industrial and Extended temperature ranges
• Low power consumption
   < 2 mA @ 5V, 4 MHz
   15 µA typical @ 3V, 32 kHz
   < 1 µA typical standby current




Similar Part No. - 12C671

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
12C0.25HCH BELDEN-12C0.25HCH Datasheet
161Kb / 2P
MachFlex™ LiHCH, 12 C 0.25mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
12C0.25HCH-006100M BELDEN-12C0.25HCH-006100M Datasheet
161Kb / 2P
MachFlex™ LiHCH, 12 C 0.25mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
12C0.25HCH-006200M BELDEN-12C0.25HCH-006200M Datasheet
161Kb / 2P
MachFlex™ LiHCH, 12 C 0.25mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
12C0.25HCH-006300M BELDEN-12C0.25HCH-006300M Datasheet
161Kb / 2P
MachFlex™ LiHCH, 12 C 0.25mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
12C0.25HCH-010100M BELDEN-12C0.25HCH-010100M Datasheet
161Kb / 2P
MachFlex™ LiHCH, 12 C 0.25mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
More results


Similar Description - 12C671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
National Semiconductor ...
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com