Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1035 Datasheet (PDF) - ON Semiconductor

MBR1035 Datasheet PDF - ON Semiconductor
Part # MBR1035
Download  MBR1035 Download
File Size   180.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE™ Power Rectifiers

MBR1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1035 Datasheet PDF - ON Semiconductor

Part # MBR1035
Download  MBR1035 Click to download

File Size   180.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE™ Power Rectifiers

MBR1035 Datasheet (HTML) - ON Semiconductor


MBR1035 Product details

Features and Benefits
• Low Forward Voltage
• Low Power Loss/High Efficiency
• High Surge Capacity
• 175°C Operating Junction Temperature
• 10 A Total
• Pb−Free Packages are Available*
Applications
• Power Supply – Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics
• Case: Epoxy, Molded
• Epoxy Meets UL 94, V−0 @ 0.125 in
• Weight: 1.9 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperatures for Soldering Purposes: 260°C Max. for 10 Seconds
• ESD Rating: Human Body Model 3B
Machine Model C




Similar Part No. - MBR1035

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1035 MOTOROLA-MBR1035 Datasheet
148Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Fairchild Semiconductor
MBR1035 FAIRCHILD-MBR1035 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1035 DIODES-MBR1035 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1035 GE-MBR1035 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1035 MCC-MBR1035 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Similar Description - MBR1035

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
SWITCHMODE POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR10100MFS ONSEMI-MBR10100MFS Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com