Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR120LSF Datasheet (PDF) - ON Semiconductor

MBR120LSF Datasheet PDF - ON Semiconductor
Part # MBR120LSF
Download  MBR120LSF Download
File Size   202.64 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier Plastic SOD-123 Package

MBR120LSF Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR120LSF Datasheet PDF - ON Semiconductor

Part # MBR120LSF
Download  MBR120LSF Click to download

File Size   202.64 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier Plastic SOD-123 Package

MBR120LSF Datasheet (HTML) - ON Semiconductor


MBR120LSF Product details

This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package also provides an easy to work
with alternative to leadless 34 package style. Because of its small size,
it is ideal for use in portable and battery powered products such as
cellular and cordless phones, chargers, notebook computers, printers,
PDAs and PCMCIA cards. Typical applications are AC−DC and
DC−DC converters, reverse battery protection, and “Oring” of
multiple supply voltages and any other application where performance
and size are critical.
Features
 Guardring for Stress Protection
 Low Forward Voltage
 125C Operating Junction Temperature
 Epoxy Meets UL 94 V−0 @ 0.125 in
 Package Designed for Optimal Automated Board Assembly
 ESD Rating:
 Human Body Model = 3B
 Machine Model = C
 NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics
 Device Marking: L2L
 Polarity Designator: Cathode Band
 Weight: 11.7 mg (approximately)
 Case: Epoxy, Molded
 Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
 Lead and Mounting Surface Temperature for Soldering Purposes:
260C Max. for 10 Seconds




Similar Part No. - MBR120LSF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR120LSF ONSEMI-MBR120LSF Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 4
logo
SHIKUES Electronics
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
For use in low voltage, high frequency inverters
logo
AiT Semiconductor Inc.
MBR120LSF AITSEMI-MBR120LSF Datasheet
637Kb / 7P
SCHOTTKY DIODES SURFACE MOUNT SCHOTTKY POWER RECTIFIER
REV1.0
logo
ON Semiconductor
MBR120LSF ONSEMI-MBR120LSF Datasheet
139Kb / 6P
Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
MBR120LSFT1 ONSEMI-MBR120LSFT1 Datasheet
61Kb / 8P
Surface Mount Schottky Power Rectifier
October, 2002 ??Rev. 1
More results


Similar Description - MBR120LSF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
logo
Leshan Radio Company
LMBR140T1G LRC-LMBR140T1G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
Continental Device Indi...
SOD-123 CDIL-SOD-123 Datasheet
176Kb / 3P
SOD-123 SMD Plastic Package
logo
Foshan Blue Rocket Elec...
BAT42W FOSHAN-BAT42W Datasheet
472Kb / 5P
Schottky Diode in a SOD-123 Plastic Package
SD103BW FOSHAN-SD103BW Datasheet
642Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
SD103CW FOSHAN-SD103CW Datasheet
642Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com