Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5U2167 Datasheet (PDF) - GTM CORPORATION

G5U2167 Datasheet PDF - GTM CORPORATION
Part # G5U2167
Download  G5U2167 Download
File Size   763.34 Kbytes
Page   6 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 750mA CMOS Positive Voltage Regulator

G5U2167 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5U2167 Datasheet PDF - GTM CORPORATION

Part # G5U2167
Download  G5U2167 Click to download

File Size   763.34 Kbytes
Page   6 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 750mA CMOS Positive Voltage Regulator

G5U2167 Datasheet (HTML) - GTM CORPORATION


G5U2167 Product details

Description
The G5U2167 series of positive, linear regulators feature low quiescent current (45μA typ.) with low dropout voltage, making then ideal for battery applications.
   
Features
• Very Low Dropout Voltage
• Guaranteed 750mA output
• Over-Temperature Shutdown
• Current Limiting
• Short Circuit Current Fold-back
• Low Temperature Coefficient
• Noise Reduction Bypass Capacitor
• Power-saving Shutdown Mode
• Power Good Output Function
   
Applications
• Battery Powered Widgets
• Instrumentation
• Wireless Devices
• PC Peripherals
• Portable Electronics
   




Similar Part No. - G5U2167

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5U2167 ETL-G5U2167 Datasheet
767Kb / 6P
7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Similar Description - G5U2167

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5J2167 GTM-G5J2167 Datasheet
766Kb / 6P
750mA CMOS Positive Voltage Regulator
G5J2187 GTM-G5J2187 Datasheet
807Kb / 7P
750mA CMOS Positive Voltage Regulator
G5U2187 GTM-G5U2187 Datasheet
805Kb / 7P
750mA CMOS Positive Voltage Regulator
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GSC2117 GTM-GSC2117 Datasheet
818Kb / 7P
750mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2127 GTM-GSC2127 Datasheet
773Kb / 6P
750mA CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2167 SECOS-S5J2167 Datasheet
1Mb / 6P
750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
750mA CMOS Positive Voltage Regulator
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
750mA CMOS Positive Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com