Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G432 Datasheet (PDF) - GTM CORPORATION

G432 Datasheet PDF - GTM CORPORATION
Part # G432
Download  G432 Download
File Size   290.02 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description Adjustable Shunt Regulator

G432 Datasheet (PDF)

Go To PDF Page Download Datasheet
G432 Datasheet PDF - GTM CORPORATION

Part # G432
Download  G432 Click to download

File Size   290.02 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description Adjustable Shunt Regulator

G432 Datasheet (HTML) - GTM CORPORATION


G432 Product details

Description
The G432 series are three-terminal adjustable precision shunt regulators with guaranteed stable temperature over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 1.24V (VREF) up to 20V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.2Ω. Active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for Zener diodes in many applications.
The precise +/- 2% reference voltage tolerance of G432 make it possible in many applications to avoid the use of a variable resistor, consequently saving cost and eliminating drift and reliability problems associated with it.

Features
* Precision reference voltage
    A Rank: 1.24V ±0.5% ,
    B Rank: 1.24V ±1% ,
    C Rank: 1.24V ±2.0%
* Sink current capability: 200 mA.
* Minimum cathode current for regulation: 150 μA.
* Equivalent full-range temp coefficient: 30 ppm/°C .
* Fast turn-on Response.
* Low dynamic output impedance: 0.2Ω.
* Programmable output voltage to 20V.
* Low output noise




Similar Part No. - G432

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G432 ETL-G432 Datasheet
295Kb / 5P
A d j u s t a b l e S h u n t R e g u l a t o r
logo
Microsemi Corporation
G4320B1EB1S MICROSEMI-G4320B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G4320B1EN1S MICROSEMI-G4320B1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G4320C1EB1S MICROSEMI-G4320C1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G4320C1EN1S MICROSEMI-G4320C1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
More results


Similar Description - G432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com