Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1856 Datasheet (PDF) - Analog Devices

AD1856 Datasheet PDF - Analog Devices
Part # AD1856_V01
Download  AD1856 Download
File Size   287.89 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit PCM Audio DAC

AD1856 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1856 Datasheet PDF - Analog Devices

Part # AD1856_V01
Download  AD1856 Click to download

File Size   287.89 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit PCM Audio DAC

AD1856 Datasheet (HTML) - Analog Devices


AD1856 Product details

FEATURES 0.0025% THD Fast settling permits 2×, 4×, and 8× oversampling
±3 V output Optional trim allows superlinear performance
±5 V to ±12 V operation
16-lead plastic SOIC package
Serial input
APPLICATIONS
Compact disc players
Digital audio amplifiers
DAT recorders and players
Synthesizers and keyboards




Similar Part No. - AD1856_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1856N AD-AD1856N Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1856N-J AD-AD1856N-J Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1856N-K AD-AD1856N-K Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1856R AD-AD1856R Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1856R-J AD-AD1856R-J Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
More results


Similar Description - AD1856_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1851 AD-AD1851 Datasheet
197Kb / 12P
16-Bit/18-Bit, 16 X Fs PCM Audio DACs
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
I2S/PCM AUDIO DAC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com