Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002 Datasheet (PDF) - Analog Devices

ADAU7002 Datasheet PDF - Analog Devices
Part # ADAU7002
Download  ADAU7002 Download
File Size   353.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo PDM-to-I2S or TDM Conversion IC

ADAU7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU7002 Datasheet PDF - Analog Devices

Part # ADAU7002
Download  ADAU7002 Click to download

File Size   353.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo PDM-to-I2S or TDM Conversion IC

ADAU7002 Datasheet (HTML) - Analog Devices


ADAU7002 Product details

FEATURES
64× decimation of a stereo pulse density modulation (PDM)
bit stream to pulse code modulation (PCM) audio data
Slave I2S or time division multiplexed (TDM) output interface
Configurable TDM slots
I/O supply operation: 1.62 V to 3.6 V
64× output sample rate PDM clock
64×/128×/192×/256×/384×/512× output sample rate BCLK
Automatic BCLK ratio detection
Output sample rate: 4 kHz to 96 kHz
Automatic PDM CLK drive at 64× the sample rate
Automatic power down with BCLK removal
0.67 mA operating current at 48 kHz and 1.8 V IOVDD supply
Shutdown current: <1 μA
8-ball, 1.56 mm × 0.76 mm, 0.4 mm pitch WLCSP
Power-on reset
APPLICATIONS
Mobile computing
Portable electronics
Consumer electronics




Similar Part No. - ADAU7002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002 AD-ADAU7002 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
ADAU7002ACBZ-R7 AD-ADAU7002ACBZ-R7 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002ACBZ-R7 AD-ADAU7002ACBZ-R7 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
ADAU7002ACBZ-RL AD-ADAU7002ACBZ-RL Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
More results


Similar Description - ADAU7002

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
Full duplex stereo I2S/PCM
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
I2S/PCM Audio Interfaces Stereo CODEC
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
APRIL 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
8-Channel, PDM to I2S/TDM Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com