Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1166 Datasheet (PDF) - Analog Devices

LT1166 Datasheet PDF - Analog Devices
Part # LT1166
Download  LT1166 Download
File Size   626.2 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature 1.0A, 35MHz Current Feedback Amplifier

LT1166 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1166 Datasheet PDF - Analog Devices

Part # LT1166
Download  LT1166 Click to download

File Size   626.2 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature 1.0A, 35MHz Current Feedback Amplifier

LT1166 Datasheet (HTML) - Analog Devices


LT1166 Product details

FEATURES
- Extreme High Temperature Operation: –40°C to 175°C
- 1.0A Minimum Output Drive Current
- 35MHz Bandwidth, AV = 2, RL = 10
- 900V/μs Slew Rate, AV = 2, RL = 10
- High Input Impedance: 10M
- Wide Supply Range: ±5V to ±15V
- Shutdown Mode: IS < 200μA
- Adjustable Supply Current
- Stable with CL = 10,000pF
- Available as Dice
- Available in 16-Lead Thermally Enhanced TSSOP Package

APPLICATIONS
- Down-Hole Drilling and Instrumentation
- Heavy Industrial
- Avionics
- High Temperature Environments
- Cable Drivers
- Buffers
- Test Equipment Amplifiers
- Video Amplifiers
- ADSL Drivers




Similar Part No. - LT1166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
Power Output Stage Automatic Bias System
LT1166 LINER-LT1166 Datasheet
403Kb / 16P
Power Output Stage Automatic Bias System
logo
Analog Devices
LT1166 AD-LT1166 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
logo
Linear Technology
LT1166CN8 LINER-LT1166CN8 Datasheet
454Kb / 16P
Power Output Stage Automatic Bias System
LT1166CS8 LINER-LT1166CS8 Datasheet
454Kb / 16P
Power Output Stage Automatic Bias System
More results


Similar Description - LT1166

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1210 LINER-LT1210_06 Datasheet
504Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
High-Speed, Current Feedback Operational Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
LT1210X AD-LT1210X Datasheet
618Kb / 4P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com