Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK16C68 Datasheet (PDF) - Simtek Corporation

STK16C68 Datasheet PDF - Simtek Corporation
Part # STK16C68
Download  STK16C68 Download
File Size   380.55 Kbytes
Page   10 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK16C68 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK16C68 Datasheet PDF - Simtek Corporation

Part # STK16C68
Download  STK16C68 Click to download

File Size   380.55 Kbytes
Page   10 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK16C68 Datasheet (HTML) - Simtek Corporation


STK16C68 Product details

DESCRIPTION

The STK16C68 is a fast SRAM with a nonvolatile element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in Nonvolatile Elements. Data transfers from the SRAM to the Nonvolatile Elements (the STORE operation) can take place automatically on power down. An internal capacitor guarantees the STORE operation regardless of power-down slew rate. Transfers from the Nonvolatile Elements to the SRAM (the RECALL operation) take place automatically on restoration of power. Initiation of STORE and RECALL cycles can also be controlled by entering control sequences on the SRAM inputs. The STK16C68 is pin-compatible with 8k x 8 SRAMs and battery-backed SRAMs, allowing direct substitution while enhancing performance. The STK12C68, which uses an external capacitor, and the STK15C68, which uses charge stored in system capacitance, are alter natives for systems needing AutoStore™ operation.



FEATURES

• Internal Capacitor Guarantees AutoStore™ Regardless of Power-Down Slew Rate

• Nonvolatile Storage without Battery Problems

• Directly Replaces 8K x 8 Static RAM, Battery Backed RAM or EEPROM

• 25ns, 35ns and 45ns Access Times

• STORE to Nonvolatile Elements Initiated by Software or AutoStorePlus™ on Power Down

• RECALL to SRAM Initiated by Software or Power Restore

• 10mA Typical ICC at 200ns Cycle Time

• Unlimited READ, WRITE and RECALL Cycles

• 1,000,000 STORE Cycles to Nonvolatile Elements

• 100-Year Data Retention over Full Industrial Temperature Range

• No Data Loss from Undershoot

• Commercial and Industrial Temperatures

• 28-Pin 600 mil PDIP Package



 




Similar Part No. - STK16C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20 ETC1-STK16C68-S20 Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20I ETC1-STK16C68-S20I Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25 ETC1-STK16C68-S25 Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25I ETC1-STK16C68-S25I Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK16C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com