Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U634H256XS Datasheet (PDF) - Simtek Corporation

U634H256XS Datasheet PDF - Simtek Corporation
Part # U634H256XS
Download  U634H256XS Download
File Size   256.95 Kbytes
Page   17 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description PowerStore 32K x 8 nvSRAM Die

U634H256XS Datasheet (PDF)

Go To PDF Page Download Datasheet
U634H256XS Datasheet PDF - Simtek Corporation

Part # U634H256XS
Download  U634H256XS Click to download

File Size   256.95 Kbytes
Page   17 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description PowerStore 32K x 8 nvSRAM Die

U634H256XS Datasheet (HTML) - Simtek Corporation


U634H256XS Product details

Description

The U634H256 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

The U634H256 is a fast static RAM (25, 35, 45 ns), with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation) take place automatically upon power down using charge stored in an external 100 μF capacitor.



Features

□ High-performance CMOS nonvolatile static RAM 32768 x 8 bits

□ 25, 35 and 45 ns Access Times

□ 10, 15 and 20 ns Output Enable

□ Access Times

□ ICC = 15 mA typ. at 200 ns Cycle Time

□ Automatic STORE to EEPROM on Power Down using external capacitor

□ Hardware or Software initiated STORE (STORE Cycle Time < 10 ms)

□ Automatic STORE Timing

□ 106 STORE cycles to EEPROM

□ 100 years data retention in EEPROM

□ Automatic RECALL on Power Up

□ Software RECALL Initiation (RECALL Cycle Time < 20 μs)

□ Unlimited RECALL cycles from EEPROM

□ Single 5 V ± 10 % Operation

□ Operating temperature ranges:

   0 to 70 °C

   -40 to 85 °C

   -40 to125 °C(only 35 ns)

□ QS 9000 Quality Standard

□ ESD protection > 2000 V (MIL STD 883C M3015.7-HBM)

□ RoHS compliance and Pb- free

□ Package: SOP32 (300 mil)



 




Similar Part No. - U634H256XS

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256D1A25 ZMD-U634H256D1A25 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
U634H256D1A25G1 ZMD-U634H256D1A25G1 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
U634H256D1A35 ZMD-U634H256D1A35 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
More results


Similar Description - U634H256XS

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
SoftStore 32K x 8 nvSRAM Die
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
PowerStore 32K x 8 nvSRAM
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
Low Voltage PowerStore 32K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
256 Kbit (32K x 8) PowerStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com