Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U637256 Datasheet (PDF) - Simtek Corporation

U637256 Datasheet PDF - Simtek Corporation
Part # U637256
Download  U637256 Download
File Size   253.89 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description CapStore 32K x 8 nvSRAM

U637256 Datasheet (PDF)

Go To PDF Page Download Datasheet
U637256 Datasheet PDF - Simtek Corporation

Part # U637256
Download  U637256 Click to download

File Size   253.89 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description CapStore 32K x 8 nvSRAM

U637256 Datasheet (HTML) - Simtek Corporation


U637256 Product details

Description
The U637256 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

Features
□ CMOS non volatile static RAM 32768 x 8 bits
□ 70 ns Access Time
□ 35 ns Output Enable Access Time
□ ICC = 15 mA typ. at 200 ns Cycle Time
□ Unlimited Read and Write Cycles to SRAM
□ Automatic STORE to EEPROM on Power Down using charge stored in an integrated capacitor
□ Software initiated STORE
□ Automatic STORE Timing
□ 106 STORE cycles to EEPROM
□ 100 years data retention in EEPROM
□ Automatic RECALL on Power Up
□ Software RECALL Initiation
□ Unlimited RECALL cycles from EEPROM
□ Single 5 V ± 10 % Operation
□ Operating temperature range: 0 to 70 °C -40 to 85°C
□ QS 9000 Quality Standard (MIL STD 883C M3015.7)
□ RoHS compliance and Pb- free Package: PDIP28 (600 mil)




Similar Part No. - U637256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
CapStore 32K x 8 nvSRAM
U637256DC70G1 ETC1-U637256DC70G1 Datasheet
146Kb / 14P
CapStore 32K x 8 nvSRAM
U637256DK70G1 ETC1-U637256DK70G1 Datasheet
146Kb / 14P
CapStore 32K x 8 nvSRAM
More results


Similar Description - U637256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
CapStore 32K x 8 nvSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
U63764 ETC1-U63764 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
32K x 8 AutoStore nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
PowerStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
CapStore 32K x 8 nvSRAM
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
CapStore 2K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com