Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50P06 Datasheet (PDF) - NEC

50P06 Datasheet PDF - NEC
Part # 50P06
Download  50P06 Download
File Size   184.9 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

50P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
50P06 Datasheet PDF - NEC

Part # 50P06
Download  50P06 Click to download

File Size   184.9 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

50P06 Datasheet (HTML) - NEC


50P06 Product details

DESCRIPTION

The NP50P06KDG is P-channel MOS Field Effect Transistor designed for high current switching applications.



FEATURES

•Super low on-state resistance

  RDS(on)1= 17 mΩMAX. (VGS= −10 V, ID= −25 A)

  RDS(on)2= 23 mΩMAX. (VGS= −4.5 V, ID= −25 A)

•Low input capacitance

  Ciss = 5000 pF TYP.




Similar Part No. - 50P06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50P06 VISHAY-50P06 Datasheet
43Kb / 4P
P-Channel 60-V (D-S), 175C MOSFET
11-Aug-03
logo
Unisonic Technologies
50P06 UTC-50P06 Datasheet
144Kb / 3P
-50A, -60V P-CHANNEL (D-S) POWER MOSFET
logo
SeCoS Halbleitertechnol...
50P06 SECOS-50P06 Datasheet
128Kb / 2P
P-Ch Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
50P06 ISC-50P06 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
50P06 VBSEMI-50P06 Datasheet
971Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results


Similar Description - 50P06

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com