Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP100P04PLG Datasheet (PDF) - NEC

NP100P04PLG Datasheet PDF - NEC
Part # NP100P04PLG
Download  NP100P04PLG Download
File Size   191.11 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

NP100P04PLG Datasheet (PDF)

Go To PDF Page Download Datasheet
NP100P04PLG Datasheet PDF - NEC

Part # NP100P04PLG
Download  NP100P04PLG Click to download

File Size   191.11 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

NP100P04PLG Datasheet (HTML) - NEC


NP100P04PLG Product details

DESCRIPTION
The NP100P04PLG is P-channel MOS Field Effect Transistor designed for high current switching applications.

FEATURES
• Super low on-state resistance
   RDS(on)1 = 3.7 mΩ MAX. (VGS = −10 V, ID = −50 A)
   RDS(on)2 = 5.1 mΩ MAX. (VGS = −4.5 V, ID = −50 A)
• High current rating: ID(DC) = m100 A
• Built-in gate protection diode




Similar Part No. - NP100P04PLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP100P04PLG RENESAS-NP100P04PLG Datasheet
5Mb / 6P
Product Scout Automotive
NP100P04PLG RENESAS-NP100P04PLG Datasheet
1Mb / 8P
-40V – -100A – P-channel Power MOS FET
Jul. 14, 2022
NP100P04PLG-E1-AY RENESAS-NP100P04PLG-E1-AY Datasheet
1Mb / 8P
-40V – -100A – P-channel Power MOS FET
Jul. 14, 2022
NP100P04PLG-E1-AYNote RENESAS-NP100P04PLG-E1-AYNote Datasheet
300Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG-E2-AYNote RENESAS-NP100P04PLG-E2-AYNote Datasheet
300Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
More results


Similar Description - NP100P04PLG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com