Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1016R Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML1016R Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML1016R
Download  ML1016R Download
File Size   38.83 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL INFORMATION SYSTEMS

ML1016R Datasheet (PDF)

Go To PDF Page Download Datasheet
ML1016R Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML1016R
Download  ML1016R Click to download

File Size   38.83 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL INFORMATION SYSTEMS

ML1016R Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML1016R Product details

DESCRIPTION
ML1XX6 is a high power AlGaInP semiconductor laser which provides a stable, single transverse mode oscillation with emission wavelength of 658-nm and standard CW light output of 30mW.
ML1XX6 has a window-mirror-facet which improves the maximum output power. That leads to highly reliable and high-power operation.

FEATURES
• High Power: 30mW (CW), 50mW (pulse)
• Visible Light: 658nm (typ)

APPLICATION
   DVD(Digital Versatile Disc)-RAM/RW Drive




Similar Part No. - ML1016R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1012R MITSUBISHI-ML1012R Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEMS
ML1013 MITSUBISHI-ML1013 Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
ML1013R MITSUBISHI-ML1013R Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
More results


Similar Description - ML1016R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEMS
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS?
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com