Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8131 Datasheet (PDF) - Analog Devices

AD8131 Datasheet PDF - Analog Devices
Part # AD8131
Download  AD8131 Download
File Size   269.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed Differential Driver

AD8131 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8131 Datasheet PDF - Analog Devices

Part # AD8131
Download  AD8131 Click to download

File Size   269.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed Differential Driver

AD8131 Datasheet (HTML) - Analog Devices


AD8131 Product details

FEATURES
High speed
400 MHz, −3 dB full power bandwidth
2000 V/μs slew rate
Fixed gain of 2 with no external components
Internal common-mode feedback to improve gain and phase
balance: −60 dB @ 10 MHz
Separate input to set the common-mode output voltage
Low distortion: 68 dB SFDR @ 5 MHz 200 Ω load
Power supply range +2.7 V to ±5 V
APPLICATIONS
Video line driver
Digital line driver
Low power differential ADC driver
Differential in/out level shifting
Single-ended input to differential output driver




Similar Part No. - AD8131

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8131-EVAL AD-AD8131-EVAL Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8131AR AD-AD8131AR Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8131AR AD-AD8131AR Datasheet
378Kb / 20P
Low Cost, High Speed Differential Driver
REV. B
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
More results


Similar Description - AD8131

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com